Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3223EB Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP3223EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EB Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP3223EB Datasheet HTML 12Page - Sipex Corporation SP3223EB Datasheet HTML 13Page - Sipex Corporation SP3223EB Datasheet HTML 14Page - Sipex Corporation SP3223EB Datasheet HTML 15Page - Sipex Corporation SP3223EB Datasheet HTML 16Page - Sipex Corporation SP3223EB Datasheet HTML 17Page - Sipex Corporation SP3223EB Datasheet HTML 18Page - Sipex Corporation SP3223EB Datasheet HTML 19Page - Sipex Corporation SP3223EB Datasheet HTML 20Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
16
Table 3.
AUTO ON-LINE® Logic
Figure 28. Stage I of AUTO ON-LINE® Circuitry
Figure 29. Stage II of AUTO ON-LINE® Circuitry
RS-232
Receiver Block
RXINACT
Inactive Detection Block
RXIN
RXOUT
R
1INACT
R
2INACT
R
3INACT
R
4INACT
R
5INACT
Delay
Stage
Delay
Stage
Delay
Stage
Delay
Stage
Delay
Stage
SHUTDOWN
STATUS
RS - 232 SIGNAL
SHUTDOWN
ONLINE INPUT
STATUS OUTPUT
TRANCEIVER
AT RECEIVER
INPUT
STATUS
INPUT
YES
HIGH
LOW
HIGH
Normal Operation
(AUTO ON-LINE®)
NO
HIGH
HIGH
LOW
Normal Operation
NO
HIGH
LOW
LOW
Sutdown
(AUTO ON-LINE® )
YES
LOW
HIGH/LOW
HIGH
Shutdown
NO
LOW
HIGH/LOW
LOW
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com