Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3243EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP3243EB Datasheet HTML 1Page - Sipex Corporation SP3243EB Datasheet HTML 2Page - Sipex Corporation SP3243EB Datasheet HTML 3Page - Sipex Corporation SP3243EB Datasheet HTML 4Page - Sipex Corporation SP3243EB Datasheet HTML 5Page - Sipex Corporation SP3243EB Datasheet HTML 6Page - Sipex Corporation SP3243EB Datasheet HTML 7Page - Sipex Corporation SP3243EB Datasheet HTML 8Page - Sipex Corporation SP3243EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
2
PARAMETER
MIN.
TYP.
MAX. UNITS CONDITIONS
DC CHARACTERISTICS
Supply Current,
1.0
10
µA
All RxIN open, ONLINE = GND,
AUTO ON-LINE®
SHUTDOWN = VCC, TxIN = VCC or
GND,VCC = +3.3V, TAMB = +25°C
Supply Current, Shutdown
1.0
10
µA
SHUTDOWN = GND,
VCC = +3.3V, TAMB = +25°C,
TxIN = VCC or GND
Supply Current,
0.3
1.0
mA
ONLINE = SHUTDOWN = VCC,
AUTO ON-LINE® Disabled
TxIN = VCC or GND,
no load, VCC = +3.3V, TAMB = +25°C
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold
VCC = +3.3V or +5.0V, TxIN,
LOW
GND
0.8
V
EN (SP3223EB), ONLINE,
HIGH
2.4
VCC
V
SHUTDOWN
Input Leakage Current
±0.01
±1.0
µA
TxIN, EN (SP3223EB), ONLINE,
SHUTDOWN,
TAMB = +25°C, VIN = 0V to VCC
Output Leakage Current
±0.05
±10
µA
Receivers disabled, VOUT = 0V to
VCC
Output Voltage LOW
0.4
V
IOUT = 1.6mA
Output Voltage HIGH
VCC - 0.6
VCC - 0.1
V
IOUT = -1.0mA
DRIVER OUTPUTS
Output Voltage Swing
±5.0
±5.4
V
All driver outputs loaded with 3KΩ
to GND, TAMB = +25°C
Output Resistance
300
Ω
VCC = V+ = V- = 0V, VOUT = ±2V
Output Short-Circuit Current
±35
±60
mA
VOUT = 0V
Output Leakage Current
±25
µAVCC = 0V or 3.0V to 5.5V,
VOUT = ±12V, Drivers disabled
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC ...................................................... -0.3V to +6.0V
V+ (NOTE 1) ...................................... -0.3V to +7.0V
V- (NOTE 1) ....................................... +0.3V to -7.0V
V+ + |V-| (NOTE 1) ........................................... +13V
I
CC (DC VCC or GND current) ......................... +100mA
Input Voltages
TxIN, ONLINE,
SHUTDOWN, EN (SP3223E) ............ -0.3V to +6.0V
RxIN .................................................................. +25V
Output Voltages
TxOUT ........................................................... +13.2V
RxOUT, STATUS ..................... -0.3V to (V
CC + 0.3V)
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX,
C1 - 4 = 0.1
µF. Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
ELECTRICAL CHARACTERISTICS
Short-Circuit Duration
TxOUT .................................................... Continuous
Storage Temperature ...................... -65°C to +150°C
Power Dissipation per package
28-pin PDIP
(derate 16.0mW/°C above+70°C) ...................... 1300mW
20-pin SSOP
(derate 9.25mW/°C above +70°C) ...................... 750mW
20-pin TSSOP
(derate 11.1mW/°C above +70°C) ....................... 900mW
28-pin SOIC
(derate 12.7mW/°C above +70°C) .................... 1000mW
28-pin SSOP
(derate 11.2mW/°C above +70°C) ...................... 900mW
28-pin TSSOP
(derate 11.1mW/°C above +70°C) ....................... 900mW
32-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com