Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3243EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP3243EB Datasheet HTML 1Page - Sipex Corporation SP3243EB Datasheet HTML 2Page - Sipex Corporation SP3243EB Datasheet HTML 3Page - Sipex Corporation SP3243EB Datasheet HTML 4Page - Sipex Corporation SP3243EB Datasheet HTML 5Page - Sipex Corporation SP3243EB Datasheet HTML 6Page - Sipex Corporation SP3243EB Datasheet HTML 7Page - Sipex Corporation SP3243EB Datasheet HTML 8Page - Sipex Corporation SP3243EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all drivers
loaded with 3K
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
Figure 7. Slew Rate VS. Load Capacitance for the
SP3243EB
25
20
15
10
5
0
0
500
1000
2000
3000
4000
5000
Load Capacitance (pF)
- Slew
+ Slew
1 Transmitter at 250Kbps
2 Transmitter at 15.6Kbps
All drivers loaded 3K + Load Cap
Figure 8. Supply Current VS. Load Capacitance when
Transmitting Data for the SP3243EB
40
35
30
25
20
15
10
5
0
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
250Kbps
120Kbps
20Kbps
1 Transmitter at full Data Rate
2 Transmitters at 15.5 Kbps
All Transmitters loades 3K + Load Cap
6
4
2
0
-2
-4
-6
2.7
3
3.5
4
4.5
5
Supply Voltage (VDC)
TxOUT -
TxOUT +
Figure 9. Supply Current VS. Supply Voltage for the
SP3243EB
Figure 10. Transmitter Output Voltage VS. Supply
Voltage for the SP3243EB
25
20
15
10
5
0
2.7
3
3.5
4
4.5
5
Supply Voltage (VDC)
1 Transmitter at 250Kbps
2 Transmitters at 15.6Kbps
All drivers loaded with 3K // 1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com