Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3243EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP3243EB Datasheet HTML 1Page - Sipex Corporation SP3243EB Datasheet HTML 2Page - Sipex Corporation SP3243EB Datasheet HTML 3Page - Sipex Corporation SP3243EB Datasheet HTML 4Page - Sipex Corporation SP3243EB Datasheet HTML 5Page - Sipex Corporation SP3243EB Datasheet HTML 6Page - Sipex Corporation SP3243EB Datasheet HTML 7Page - Sipex Corporation SP3243EB Datasheet HTML 8Page - Sipex Corporation SP3243EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
4
Figure 1. Transmitter Output Voltage VS. Load
Capacitance for the SP3223EB
Figure 2. Slew Rate VS. Load Capacitance for the
SP3223EB
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all drivers
loaded with 3K
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
30
25
20
15
10
5
0
0
500
1000
2000
3000
4000
5000
Load Capacitance (pF)
- Slew
+ Slew
1 Transmitter at 250Kbps
1 Transmitter at 15.6Kbps
All drivers loaded 3K + Load Cap
35
30
25
20
15
10
5
0
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
250Kbps
125Kbps
20Kbps
1 Transmitter at 250Kbps
1 Transmitter at 15.6Kbps
All drivers loaded 3K + Load Cap
Figure 3. Supply Current VS. Load Capacitance when
Transmitting Data for the SP3223EB
Figure 4. Supply Current VS. Supply Voltage for
the SP3243EB
20
15
10
5
0
2.7
3
3.5
4
4.5
5
Supply Voltage (VDC)
1 Transmitter at 250Kbps
2 Transmitters at 15.6Kbps
All drivers loaded with 3K // 1000pF
Figure 5. Transmitter Output Voltage VS. Supply
Voltage for the SP3243EB
Figure 6. Transmitter Output Voltage VS. Load
Capacitance for the SP3243EB
6
4
2
0
-2
-4
-6
0
1000
2000
3000
4000
5000
TxOUT +
TxOUT -
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
0
1000
2000
3000
4000
5000
TxOUT +
TxOUT -
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
2.7
3
3.5
4
4.5
5
Supply Voltage (VDC)
TxOUT -
TxOUT +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com