Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17577Q3AT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17577Q3AT
Description  N-Channel NexFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17577Q3AT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD17577Q3AT Datasheet HTML 2Page - Texas Instruments CSD17577Q3AT Datasheet HTML 3Page - Texas Instruments CSD17577Q3AT Datasheet HTML 4Page - Texas Instruments CSD17577Q3AT Datasheet HTML 5Page - Texas Instruments CSD17577Q3AT Datasheet HTML 6Page - Texas Instruments CSD17577Q3AT Datasheet HTML 7Page - Texas Instruments CSD17577Q3AT Datasheet HTML 8Page - Texas Instruments CSD17577Q3AT Datasheet HTML 9Page - Texas Instruments CSD17577Q3AT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0
5
10
15
20
25
30
35
40
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0.1
1
10
100
1000
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
10us
100us
1ms
10ms
DC
G001
10
100
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
0.6
0.8
1
1.2
1.4
1.6
1.8
−75
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
VGS = 4.5V
VGS = 10V
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
CSD17577Q3A
SLPS515A – AUGUST 2014 – REVISED JANUARY 2016
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = 16 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single Pulse,
Max RθJC = 3.0°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: CSD17577Q3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com