Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17577Q3AT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17577Q3AT
Description  N-Channel NexFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17577Q3AT Datasheet(HTML) 1 Page - Texas Instruments

  CSD17577Q3AT Datasheet HTML 1Page - Texas Instruments CSD17577Q3AT Datasheet HTML 2Page - Texas Instruments CSD17577Q3AT Datasheet HTML 3Page - Texas Instruments CSD17577Q3AT Datasheet HTML 4Page - Texas Instruments CSD17577Q3AT Datasheet HTML 5Page - Texas Instruments CSD17577Q3AT Datasheet HTML 6Page - Texas Instruments CSD17577Q3AT Datasheet HTML 7Page - Texas Instruments CSD17577Q3AT Datasheet HTML 8Page - Texas Instruments CSD17577Q3AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 16A
TC = 125°C,I D = 16A
G001
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
18
21
24
27
30
Qg - Gate Charge (nC)
ID = 16A
VDS = 15V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
CSD17577Q3A
SLPS515A – AUGUST 2014 – REVISED JANUARY 2016
CSD17577Q3A 30 V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
•
Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
•
Low Thermal Resistance
VDS
Drain-to-Source Voltage
30
V
•
Avalanche Rated
Qg
Gate Charge Total (4.5 V)
12
nC
Qgd
Gate Charge Gate-to-Drain
2.5
nC
•
Pb Free
VGS = 4.5 V
5.3
m
Ω
•
RoHS Compliant
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V
4.0
m
Ω
•
Halogen Free
VGS(th)
Threshold Voltage
1.4
V
•
SON 3.3 mm × 3.3 mm Package
Ordering Information(1)
2 Applications
DEVICE
QTY
MEDIA
PACKAGE
SHIP
•
Point-of-Load Synchronous Buck in Networking,
CSD17577Q3A
2500
13-Inch Reel
SON 3.3 × 3.3 mm
Tape and
Telecom, and Computing Systems
Plastic Package
Reel
CSD17577Q3AT
250
7-Inch Reel
•
Optimized for Control, and Sync FET Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
Absolute Maximum Ratings
This 30 V, 4.0 m
Ω, SON 3.3 mm × 3.3 mm
NexFET™ power MOSFET is designed to minimize
TA = 25°C
VALUE
UNIT
resistance in power conversion applications.
VDS
Drain-to-Source Voltage
30
V
VGS
Gate-to-Source Voltage
±20
V
Top Icon
Continuous Drain Current (Package limited)
35
Continuous Drain Current (Silicon limited),
ID
83
A
TC = 25°C
Continuous Drain Current (1)
19
IDM
Pulsed Drain Current (2)
239
A
Power Dissipation(1)
2.5
PD
W
Power Dissipation, TC = 25°C
53
TJ,
Operating Junction Temperature,
–55 to 150
°C
Tstg
Storage Temperature
Avalanche Energy, single pulse
EAS
39
mJ
ID = 28 A, L = 0.1 mH, RG = 25 Ω
(1) Typical RθJA = 50°C/W on a 1 inch
2, 2 oz. Cu pad on a
0.06 inch thick FR4 PCB.
(2) Max RθJC = 3.0°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD17577Q3AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17577Q3AT TI2-CSD17577Q3AT Datasheet
444Kb / 12P
CSD17577Q3A 30 V N-Channel NexFET™ Power MOSFET
REVISED JANUARY 2016
CSD17577Q3AT.B TI2-CSD17577Q3AT.B Datasheet
444Kb / 12P
CSD17577Q3A 30 V N-Channel NexFET™ Power MOSFET
REVISED JANUARY 2016
More results

Similar Description - CSD17577Q3AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
N-Channel NexFET??Power MOSFET
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
N-Channel NexFET Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com