Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17577Q3AT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17577Q3AT
Description  N-Channel NexFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17577Q3AT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD17577Q3AT Datasheet HTML 5Page - Texas Instruments CSD17577Q3AT Datasheet HTML 6Page - Texas Instruments CSD17577Q3AT Datasheet HTML 7Page - Texas Instruments CSD17577Q3AT Datasheet HTML 8Page - Texas Instruments CSD17577Q3AT Datasheet HTML 9Page - Texas Instruments CSD17577Q3AT Datasheet HTML 10Page - Texas Instruments CSD17577Q3AT Datasheet HTML 11Page - Texas Instruments CSD17577Q3AT Datasheet HTML 12Page - Texas Instruments CSD17577Q3AT Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4.00 ±0.10 (See Note 1)
2.00 ±0.05
3.60
M0144-01
8.00 ±0.10
Ø 1.50
+0.10
–0.00
CSD17577Q3A
SLPS515A – AUGUST 2014 – REVISED JANUARY 2016
www.ti.com
7.4 Q3A Tape and Reel Information
Notes: 1. 10-sprocket hole-pitch cumulative tolerance ±0.2
2. Camber not to exceed 1 mm in 100 mm, noncumulative over 250 mm
3. Material: black static-dissipative polystyrene
4. All dimensions are in mm, unless otherwise specified.
5. Thickness: 0.30 ±0.05 mm
6. MSL1 260°C (IR and convection) PbF-reflow compatible
10
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: CSD17577Q3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com