Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4446 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4446
Description  High Output Voltage Boost Regulator LCD Bias Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4446 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4446 Datasheet HTML 1Page - Sipex Corporation SP4446 Datasheet HTML 2Page - Sipex Corporation SP4446 Datasheet HTML 3Page - Sipex Corporation SP4446 Datasheet HTML 4Page - Sipex Corporation SP4446 Datasheet HTML 5Page - Sipex Corporation SP4446 Datasheet HTML 6Page - Sipex Corporation SP4446 Datasheet HTML 7Page - Sipex Corporation SP4446 Datasheet HTML 8Page - Sipex Corporation SP4446 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev. 7/14/03
SP4446 High Output Voltage Boost Regualtor, LCD Bias Regulator
© Copyright 2003 Sipex Corporation
SP4446
FEATURES
■ High Output Voltage: Up to 30V
■ High Efficiency
■ Low Quiescent Current: ~20uA
■ Miniature Package: (5-lead SOT-23)
■ Single Battery Cell Operation
■ Programmable Output Voltage
■ 1Ω Switch (150mV at 150mA)
High Output Voltage Boost Regulator
LCD Bias Regulator
APPLICATIONS
■ LCD Bias
■ Tuner Pin Voltage
■ White LED Driver
■ High Voltage Bias
■ Digital Cameras
■ Cell Phone
■ Battery Backup
■ Handheld Computers
DESCRIPTION
The SP4446 is a micro power Boost Regualtor in a 5-lead SOT-23 package. It is a current limited,
fixed off time regulator configured for use in boost mode applications. The operating voltage can
be less than 3V and is capable of generating voltages as high as 30 Volts.
The SP4446 is to be supplied in a SOT-23-5 and permits the construction of complete regulators
that occupy < 0.2 square inches of board space.
®
TYPICAL APPLICATION SCHEMATIC
PRELIMINARY
54
12
3
SP4446
VIN
SHDN
SW
GND
FB
5 Pin SOT-23
Now Available in Lead Free Packaging
V
IN
SW
GND
SHDN
FB
10µH
D1
L1
R1
R2
C2
2.2 µF
High
Voltage Output
V
IN
4.7µF
C1
2 to 7V
SP4446


Similar Part No. - SP4446

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Sipex Corporation
SP4446EB SIPEX-SP4446EB Datasheet
104Kb / 4P
Evaluation Board Manual
SP4446EK SIPEX-SP4446EK Datasheet
104Kb / 4P
Evaluation Board Manual
SP4446EK SIPEX-SP4446EK Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
More results

Similar Description - SP4446

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
Adjustable Output Low Voltage Boost Regulator
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
Low Voltage Boost Regulator
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
High Voltage High Current Boost Regulator
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
Triple Output Boost - LED Driver / LCD Bias
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
Sipex Corporation
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745_06 Datasheet
401Kb / 16P
Triple Output Boost ??LED Driver / LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com