Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485R Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP485R
Description  1/10th Unit Load RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP485R Datasheet(HTML) 1 Page - Sipex Corporation

  SP485R Datasheet HTML 1Page - Sipex Corporation SP485R Datasheet HTML 2Page - Sipex Corporation SP485R Datasheet HTML 3Page - Sipex Corporation SP485R Datasheet HTML 4Page - Sipex Corporation SP485R Datasheet HTML 5Page - Sipex Corporation SP485R Datasheet HTML 6Page - Sipex Corporation SP485R Datasheet HTML 7Page - Sipex Corporation SP485R Datasheet HTML 8Page - Sipex Corporation SP485R Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Date: 6/21/04
SP485R RS-485 Serial Transceiver
© Copyright 2004 Sipex Corporation
1
FEATURES
■ Allows Over 400 Transceivers On A
Transmission Line (1/10th Unit Load)
■ High Impedance on Receiver Inputs
(R
IN = 150kΩ typical)
■ Half-Duplex Configuration Consistent
With Industry Standard Pinout
■ –7V to +12V Common Mode Input
Voltage Range
■ Includes Shutdown Mode (I
CC < 10µA)
(For SP481R Only)
■ Low Power Consumption (250mW)
■ Separate Driver and Receiver Enable
The SP481R and SP485R are pin-to-pin equivalent with our existing SP485 product and contain
enhancements such as higher ESD tolerance and high receiver input impedance. The higher
receiver input impedance allows for connecting over 400 transceivers on a single transmission
line without degrading the RS-485 driver signal. Each device is packaged in an 8-pin plastic DIP
or 8-pin narrow SOIC package. The SP481R offers a shutdown feature via the enable pins which
will reduce the supply current (I
CC) below 0.5µA typical.
RO 1
RE 2
DE 3
DI 4
8
VCC
7
B
6
A
5
GND
D
R
SP485
Top View
SP481R/SP485R
1/10th Unit Load RS-485 Transceiver
Now Available in Lead Free Packaging
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
®


Similar Part No. - SP485R

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP485R EXAR-SP485R Datasheet
608Kb / 9P
1/10th Unit Load RS-485 Transceiver
logo
Sipex Corporation
SP485RCN SIPEX-SP485RCN Datasheet
83Kb / 9P
High-Fanout RS-485 Transceiver
logo
Exar Corporation
SP485RCN-L EXAR-SP485RCN-L Datasheet
608Kb / 9P
1/10th Unit Load RS-485 Transceiver
SP485RCN-L/TR EXAR-SP485RCN-L/TR Datasheet
608Kb / 9P
1/10th Unit Load RS-485 Transceiver
logo
Sipex Corporation
SP485RCP SIPEX-SP485RCP Datasheet
83Kb / 9P
High-Fanout RS-485 Transceiver
More results

Similar Description - SP485R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
National Semiconductor ...
DS1487 NSC-DS1487 Datasheet
137Kb / 8P
Low Power RS-485 1⁄4 Unit Load Multipoint Transceiver
logo
Maxim Integrated Produc...
MAX3430 MAXIM-MAX3430 Datasheet
238Kb / 13P
짹80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver
Rev 1; 4/03
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
-15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
February 27, 2008
logo
Exar Corporation
SP485R EXAR-SP485R Datasheet
608Kb / 9P
1/10th Unit Load RS-485 Transceiver
logo
Intersil Corporation
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Exar Corporation
XR3170E EXAR-XR3170E Datasheet
640Kb / 24P
3.3V High Speed RS-485/RS-422 TRANSCEIVERS WITH 1/8 UNIT LOAD
XR3172EID-F EXAR-XR3172EID-F Datasheet
640Kb / 24P
3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
logo
Texas Instruments
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com