Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485R Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP485R
Description  1/10th Unit Load RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP485R Datasheet(HTML) 5 Page - Sipex Corporation

  SP485R Datasheet HTML 1Page - Sipex Corporation SP485R Datasheet HTML 2Page - Sipex Corporation SP485R Datasheet HTML 3Page - Sipex Corporation SP485R Datasheet HTML 4Page - Sipex Corporation SP485R Datasheet HTML 5Page - Sipex Corporation SP485R Datasheet HTML 6Page - Sipex Corporation SP485R Datasheet HTML 7Page - Sipex Corporation SP485R Datasheet HTML 8Page - Sipex Corporation SP485R Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Date: 6/21/04
SP485R RS-485 Serial Transceiver
© Copyright 2004 Sipex Corporation
5
Figure 6. Driver Enable and Disable Times
Figure 7. Receiver Propagation Delays
VOH
VOL
RECEIVER OUT
1.5V
1.5V
tPHL
f = 1MHz; tR < 10ns; tF < 10ns
OUTPUT
V0D2+
V0D2–
A – B
0V
0V
tPLH
INPUT
tSKEW = | tPHL - tPLH |
Figure 8. Receiver Enable and Disable Times
+3V
0V
DE
5V
VOL
A, B
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 10ns; tF < 10ns
VOH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
+3V
0V
RE
5V
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 10ns; tF < 10ns
RECEIVER OUT
1.5V
1.5V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
RECEIVER OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com