Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485R Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP485R
Description  1/10th Unit Load RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP485R Datasheet(HTML) 6 Page - Sipex Corporation

  SP485R Datasheet HTML 1Page - Sipex Corporation SP485R Datasheet HTML 2Page - Sipex Corporation SP485R Datasheet HTML 3Page - Sipex Corporation SP485R Datasheet HTML 4Page - Sipex Corporation SP485R Datasheet HTML 5Page - Sipex Corporation SP485R Datasheet HTML 6Page - Sipex Corporation SP485R Datasheet HTML 7Page - Sipex Corporation SP485R Datasheet HTML 8Page - Sipex Corporation SP485R Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Date: 6/21/04
SP485R RS-485 Serial Transceiver
© Copyright 2004 Sipex Corporation
6
with the two 125
Ω cable termination resistors
on each end.
The receiver contains a enable pin (RE) which
enables the receiver when a logic LOW is
asserted. A logic HIGH will tri-state the
receiver output and the inputs will maintain
at least 120k
Ω impedance. The receiver can
operate to at least 1Mbps.
The receiver also contains a fail-safe feature
which outputs a logic HIGH when the inputs are
open as in a disconnected cable.
SHUTDOWN MODE
The SP481R includes a shutdown function to
reduce power consumption. The shutdown is
activated by simultaneously applying a logic
LOW to DE and a logic HIGH to RE. While in
the shutdown mode, the power supply current is
typically less than 1
µA. The driver outputs are
disabled and are at a high impedance state
determined by the receiver input impedance
which should be at least 120k
Ω. The receiver
output is at also at high impedance during
shutdow. Output leakage current when the
receiver is disabled is under 1
µA.
GENERAL DESCRIPTION
The SP485R is a low power RS-485 differential
transceiver. Similar to the SP485, the SP485R
contains a half-duplex driver and receiver with
tri-state control. However, the SP485R is in-
tended for increased connections on a single bus
compared to the orignal RS-485 specification.
The RS-485 standard is ideal for multi-drop
applications where one bus can contain many
drivers and/or receivers. The RS-485 standard
implementation allows up to 32 transceivers to
be connected on to the data bus. RS-485 is also
specified for driving higher speeds over long
cable lengths of up to 4,000 feet. The SP485R
and SP481R exceed the standard b allowing up
to 400 receivers to share a bus.
DRIVERS
The driver output complies with the RS-485
electrical characteristics as specified by the
standard. The output swings from 0V to V
CC and
maintains greater than +1.5V with a 54
Ω load
attached between the two outputs. In adhering
to the RS-485 specification, the driver outputs
inherently comply with the RS-422 standard.
With a load of 100
Ω between the two outputs,
the driver can sustain at least +2.0V.
The driver contains an enable pin (DE) which
tri-states the output when DE is a logic LOW.
The outputs during the tri-stated condition are
at a high impedance (>100k
Ω). A logic HIGH
enables the driver for normal operation. The
driver can operate to at least 5Mbps.
RECEIVERS
The SP485R receiver has differential inputs
with an input sensitivity of lower than
±200mV.
As mentioned above, the RS-485 specification
allows up to 32 transceivers on a the same bus.
The SP485R allows over 400 transceivers on
the same bus due to the high input impedance of
at least 120k
Ω. This higher capacity allows
more components to be attached to the same
bus without degrading the signal quality. The
drivers are still able to drive an equivalent 54
Ω
from the 320 transceivers with an input
impedance of at least 120k
Ω in parallel along



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com