Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP524 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP524
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP524 Datasheet(HTML) 1 Page - Sipex Corporation

  SP524 Datasheet HTML 1Page - Sipex Corporation SP524 Datasheet HTML 2Page - Sipex Corporation SP524 Datasheet HTML 3Page - Sipex Corporation SP524 Datasheet HTML 4Page - Sipex Corporation SP524 Datasheet HTML 5Page - Sipex Corporation SP524 Datasheet HTML 6Page - Sipex Corporation SP524 Datasheet HTML 7Page - Sipex Corporation SP524 Datasheet HTML 8Page - Sipex Corporation SP524 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
The SP522/524 is a monolithic device that supports three serial interface standards for Wide
Area Network Connectivity. The SP522/524 is ideally suited for multi-protocol designs that are
cost and space sensitive. The SP522/524 is fabricated using a low power BiCMOS process
technology. Two (2) drivers and two (2) receivers for the SP522 can be configured via software
for any of the above interface modes at any time. The SP524 offers two (2) additional drivers
and two (2) additional receivers.
■ SP522 — 2 Drivers and 2 Receivers
■ SP524 — 4 Drivers and 4 Receivers
■ Driver and Receiver Tri-State Control
■ Low-Cost WAN Solution
■ Loopback Function for Diagnostics
■ Software Selectable Interface Modes:
-RS-232 (V.28), RS-423 (V.10)
-RS-422 (V.11, X.21), RS-485
DESCRIPTION
SP522/SP524
Low-Cost Programmable
Multi-Protocol Transceivers
®
T1IN
24
T1
T1OUTA
22
17
T2IN
25
T2
18
R1INA
44
R1OUT
43
R2OUT
T1OUTB
T2OUTA
T2OUTB
R1INB
R2INA
R2INB
VDD
VDD
10µF
28
VSS
10µF
+5V
VCC
10µF
14
ENT1
ENT2
ENR1
ENR2
SP524
DP0
DP1
LATCH_EN
LOOPBCK
DECODER LOGIC
40
36
35
39
20
3
4
5
6
31
32
30
23
T3IN
26
T3
T3OUTA
16
11
T4IN
27
T4
13
R3INA
42
R3OUT
41
R4OUT
T3OUTB
T4OUTA
T4OUTB
R3INB
R4INA
R4INB
ENT3
ENT4
ENR3
ENR4
38
34
33
37
15
7
8
9
10
GND
12
121
2
19
VSS
29
+
VCC
VCC
GND
GND
R2
R1
R3
R4
IN5819
T1IN
10
T1
T1OUTA
11
16
GND
14
T2IN
9
T2
15
R1INA
1
R1OUT
24
R2OUT
T1OUTB
T2OUTA
T2OUTB
R1INB
R2INA
R2INB
VDD
VDD
10µF
21
VSS
VSS
10µF
22
+5V
VCC
10µF
13
+
ENT1
ENT2
ENR1
ENR2
SP522
DP0
DP1
LATCH_EN
LOOPBCK
DECODER LOGIC
5
6
4
3
12
18
17
20
19
8
7
2
23
R1
R2
1N5819


Similar Part No. - SP524

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP524CF SIPEX-SP524CF Datasheet
296Kb / 22P
Low-Cost Programmable Multi-Protocol Transceivers
More results

Similar Description - SP524

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72001-11 NEC-UPD72001-11 Datasheet
206Kb / 40P
MULTI-PROTOCOL SERIAL CONTROLLERS
logo
STMicroelectronics
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
Low-Cost Programmable Multi-Protocol Transceivers
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
Low Cost, Industry Standard FDDI MIC Transceivers
logo
Sipex Corporation
SP505AN SIPEX-SP505AN Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
logo
Intel Corporation
8273 INTEL-8273 Datasheet
1Mb / 33P
PROGRAMMABLE HDLC/SDLC PROTOCOL CONTROLLER
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
Multi-Protocol Transceiver IC
logo
STMicroelectronics
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
logo
Silicon Laboratories
MGM240S SILABS-MGM240S Datasheet
2Mb / 64P
MGM240S Multi-Protocol Wireless
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com