Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP524 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP524
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP524 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP524 Datasheet HTML 7Page - Sipex Corporation SP524 Datasheet HTML 8Page - Sipex Corporation SP524 Datasheet HTML 9Page - Sipex Corporation SP524 Datasheet HTML 10Page - Sipex Corporation SP524 Datasheet HTML 11Page - Sipex Corporation SP524 Datasheet HTML 12Page - Sipex Corporation SP524 Datasheet HTML 13Page - Sipex Corporation SP524 Datasheet HTML 14Page - Sipex Corporation SP524 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
Figure 9. Typical Operating Circuit, SP522 and SP524
T1IN
24
T1
T1OUTA
22
17
T2IN
25
T2
18
R1INA
44
R1OUT
43
R2OUT
T1OUTB
T2OUTA
T2OUTB
R1INB
R2INA
R2INB
VDD
VDD
10µF
28
VSS
10µF
+5V
VCC
10µF
14
ENT1
ENT2
ENR1
ENR2
SP524
DP0
DP1
LATCH_EN
LOOPBCK
DECODER LOGIC
40
36
35
39
20
3
4
5
6
31
32
30
23
T3IN
26
T3
T3OUTA
16
11
T4IN
27
T4
13
R3INA
42
R3OUT
41
R4OUT
T3OUTB
T4OUTA
T4OUTB
R3INB
R4INA
R4INB
ENT3
ENT4
ENR3
ENR4
38
34
33
37
15
7
8
9
10
GND
12
121
2
19
VSS
29
+
VCC
VCC
GND
GND
R2
R1
R3
R4
IN5819
T1IN
10
T1
T1OUTA
11
16
GND
14
T2IN
9
T2
15
R1INA
1
R1OUT
24
R2OUT
T1OUTB
T2OUTA
T2OUTB
R1INB
R2INA
R2INB
VDD
VDD
10µF
21
VSS
VSS
10µF
22
+5V
VCC
10µF
13
+
ENT1
ENT2
ENR1
ENR2
SP522
DP0
DP1
LATCH_EN
LOOPBCK
DECODER LOGIC
5
6
4
3
12
18
17
20
19
8
7
2
23
R1
R2
1N5819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com