Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP524 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP524
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP524 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP524 Datasheet HTML 12Page - Sipex Corporation SP524 Datasheet HTML 13Page - Sipex Corporation SP524 Datasheet HTML 14Page - Sipex Corporation SP524 Datasheet HTML 15Page - Sipex Corporation SP524 Datasheet HTML 16Page - Sipex Corporation SP524 Datasheet HTML 17Page - Sipex Corporation SP524 Datasheet HTML 18Page - Sipex Corporation SP524 Datasheet HTML 19Page - Sipex Corporation SP524 Datasheet HTML 20Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
APPLICATIONS INFORMATION
DCE-DTE Applications
A serial port can be easily configured for DTE
and DCE using multiple SP522 and/or SP524
parts. As shown on Figure 14, the transceivers
are half-duplexed to provide convenient DCE-
DTE capability. The driver outputs are con-
nected to the receiver inputs with only one pair
out to the serial port for each driver/receiver.
When the driver is tri-stated by applying a logic
low ("0") to ENT, the receivers can be active to
receive the appropriate input. The driver output
during tri-state is high impedance, therefore
will not degrade the signal levels of the receiver
input signal. When the receiver is tri-stated by
applying a logic ("1") to ENR, the driver output
is active to drive the appropriate signal without
interference from the receiver. The receiver
inputs are at least 12k
Ω to ground during tri-state.
Configuring Additional Multi-Protocol
Transceivers
Serial ports usually can have two data signals
(SD, RD), three clock signals (TT, ST, RT), and
at least eight control signals (CS, RS, etc.).
EIA-RS-449 contains twenty six signal types
including for a DB-37 connector. A DB-37
serial port design may require thirteen drivers
and fourteen receivers.
Although many
applications do not use all these signals, some
applications may need to support extra
functions such as diagnostics. Sipex's SP504
supports enough transceivers for the primary
channels of data, clock and control signals.
Configuring LL, RL and TM may require two
additional drivers and one receiver if designing
for a DTE (one driver and two receivers for a
DCE).
The SP522 and SP524 is a convenient solution
in a design that requires two extra single ended
or differential transceivers. The SP504 and
SP522, shown in Figure 15, can be programmed
in various configurations.
The SP504 is
programmed for RS-449 mode. By connecting
the decoder pins of the SP504 to the DP0 and
DP1 pins accordingly, the SP522 is programmed
in RS-423 mode. This adds two single ended
transceivers to the application. For applications
needing more than five RS-422 transceivers or
more than three RS-423 transceivers, the SP504
can be programmed to RS-422 whereas a SP524
can be added and programmed to RS-423, thus
creating seven RS-422 channels and four
RS-423 channels. The SP504 and the SP522/
SP524 can be configured to custom fit the
various serial port application needs.
+5V Only Operation Using the SP782
The SP522 and SP524 use external +10V or
+5V voltage supplies for power to maintain the
RS-232 and RS-423 voltage levels, respectively.
However, if a low-cost +5V solution if pre-
ferred, the SP522 and SP524 can be configured
with the SP782 or SP784 programmable charge
pump. The Sipex patent-pending programmable
charge pumps offer +10V or +5V outputs. The
programmability is used for switching from
RS-232 using the +10V outputs to RS-423 using
the +5V outputs. The SP782 requires 0.1
µF
capacitors and the SP784 requires 10
µF capacitors
for the charge pump. Please refer to the SP782
and SP784 data sheet for details on the program-
mable charge pump.
Achieving +10V with +12V Supplies
Since the SP522 and SP524 use external +10V
supplies, systems that have +12V supplies must
be regulated down to +10V. This can be simply
configured by placing diodes in series with the
V
DD and VSS lines. The absolute maximum
supply voltage is +12V. Since most +12V power
supplies have some voltage tolerances, usually
+10%, any increase above the 12V maximum
will damage the device. However, the +12V
supply may be used providing that the maximum
supply voltages do not exceed the rated absolute
maximum V
SS and VDD.
Sequencing of Power Supplies
Power Supplies for the SP522 and SP524 must
be sequenced. The recommended sequence is
V
CC first, VDD 50-80µSec later and VSS 100 to
1,000
µSec after V
DD. There are no sequencing
requirements for the SP522 or SP524 when they
are powered from either the SP782 or SP784
charge pump devices or from the V
DD and VSS
supply pins of the SP504 or SP505 charge pump
powered devices. For further details, see the
application note, V
DD, VCC and VSS Power
Supply Sequencing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com