Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6121 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 8Page - Sipex Corporation SP6121 Datasheet HTML 9Page - Sipex Corporation SP6121 Datasheet HTML 10Page - Sipex Corporation SP6121 Datasheet HTML 11Page - Sipex Corporation SP6121 Datasheet HTML 12Page - Sipex Corporation SP6121 Datasheet HTML 13Page - Sipex Corporation SP6121 Datasheet HTML 14Page - Sipex Corporation SP6121 Datasheet HTML 15Page - Sipex Corporation SP6121 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Date: 5/25/04
SP6121 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
13
Figure 7(A) A voltage divider connected to the VFB pin programs the output voltage. (B) A simple circuit using one
external voltage reference programs the output voltages less than 1.25V.
®
®
®
®
AB
VREF
VFB
VFB
VOUT < 1.25V
VOUT > 1.25V
SP6121
SP6121
R1
R2
R1
R2
R3
CIN
ISET
VIN
PDRV
SP6121
NDRV
ISENSE
VOUT
L1
COUT
RSET
Q1
Q2
+
-
+
-
160mV
30µA
Figure 6. Current Limit Setting
The value of RSET can be properly chosen based on
the desired current limit point IMAX and the internal
30
µA pull down current available on the ISET pin
according to the following expression:
RSET =
IMAXRDS(ON) - 160mV
ISET
where,
ISET = 30µA (typ) sink current from the ISET pin.
Kelvin-Sense connections should be made di-
rectly at the drain and source of Q1.
The RDS(ON) sensing scheme implemented in the
SP6121 provides two additional features that
enhance the performance of the overcurrent
function. First, an internal sample and hold filter
connected after the main current-sense com-
parator, prevents that noise spikes or very short
and mild overload conditions, that could occur
during a load transient, spuriously activate the
current limit circuitry. This typically eliminates
the need of using any external filtering that would
be otherwise required. Additionally, since the
RDS(ON) has a positive temperature coefficient,
both the 30
µA sink current present at the ISET pin
and the 160mV built-in current limit threshold
have been designed with a positive temperature
coefficient of about 0.33%/C to provide first order
correction for current limit versus temperature.
This compensation relies on the high amount of
thermal coupling that typically exists between the
high side switch Q1 and the SP6121 due to the
compact size of the power supply. With this first
order compensation, the current limit trip point
does not need to be set to an increased level at room
temperature to guarantee a desired output current
level at higher temperatures.
Output Voltage Program
As shown in Figure 7(A), the voltage divider
connecting to the VFB pin programs the output
voltage according to
VOUT = 1.25
(1 + R1)
R2
where 1.25V is the internal reference voltage.
Select R2 in the range of 10k to 100k, and R1 can
be calculated using
R1 =
R2(VOUT - 1.25)
1.25
For output voltage less than 1.25V, a simple
circuit shown in Figure 7(B) can be used in
which VREF is an external voltage reference
greater than 1.25V. For simplicity, use the same
resistor value for R1 and R2, then R3 is deter-
mined as follows,
R3 =
(VREF - 1.25)R1
2.5V - VOUT
APPLICATIONS INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com