Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6121 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6121 Datasheet HTML 1Page - Sipex Corporation SP6121 Datasheet HTML 2Page - Sipex Corporation SP6121 Datasheet HTML 3Page - Sipex Corporation SP6121 Datasheet HTML 4Page - Sipex Corporation SP6121 Datasheet HTML 5Page - Sipex Corporation SP6121 Datasheet HTML 6Page - Sipex Corporation SP6121 Datasheet HTML 7Page - Sipex Corporation SP6121 Datasheet HTML 8Page - Sipex Corporation SP6121 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Date: 5/25/04
SP6121 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
2
PARAMETER
MIN
TYP
MAX
UNITS CONDITIONS
QUIESCENT CURRENT
V
CC Supply Current
-
0.5
1.0
mA
No Switching
V
CC Supply Current (Disabled)
-
25
60
µA
COMP = 0V
ERROR AMPLIFIER
Error Amplifier Transconductance
600
µs
COMP Sink Current
15
35
65
µAVFB = 1.35V, COMP=0.8V, No Faults
COMP Source Current
15
35
65
µAVFB =1.15V, COMP=1.8V
COMP Output Impedance
3
MΩ
V
FB Input Bias Current
100
nA
ERROR AMPLIFIER REFERENCE
Initial Accuracy
1.238
1.250
1.262
V
Trimmed with Error Amp in Unity Gain
Error Amplifier Reference over
1.225
1.250
1.275
V
Line, Load and Temperature
OSCILLATOR & DELAY PATH
Internal Oscillator Frequency
440
500
560
kHz
Maximum Duty Cycle
100
-
-
%
COMP = 2V
Minimum Duty Cycle
-
-
0
%
COMP = 0.8V
Minimum PDRV Pulse Width
100
ns
V
CC > 4.5V, Ramp up COMP voltage
until PDRV starts switching
CURRENT LIMIT
Internal Current Limit Threshold
125
160
195
mV
V
ISET - VISENSE, TA = 25°C
ISET Sink Current
25
30
35
µAVISET =5V, TA = 25°C
Current Limit Threshold and
0.33
%/C
ISET Temperature Coefficient
Current Limit Time Constant
15
µs
ISENSE Input Bias Current
-
-
100
nA
SOFT START, SHUTDOWN, UVLO
Internal Soft Start Slew Rate
0.4
V/ms
Measured at COMP pin on the
transition from shutdown
Internal Soft Start Delay Time
1.5
ms
COMP charging to PDRV switching
COMP Discharge Current
150
300
µA
COMP = 0.5V, Fault Initiated
COMP Clamp Voltage
0.6
0.7
0.8
V
V
FB = 1.3V
COMP Clamp Current
100
µA
COMP = 0.5V, V
FB =1.15V
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: 0°C < TA < 70°C, 3.0V < VCC < 5.5V, CCOMP = 22nF, CPDRV = CNDRV = 3.3nF, VFB = 1.25V, ISET = ISENSE = VCC, GND=0V
These are stress ratings only and functional
operation of the device at these ratings or any other
above those indicated in the operation sections of
the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended
periods of time may affect reliability.
VCC ...................................................................................................... 7V
All other pins ............................... -0.3V to VCC+0.3V
Peak Output Current < 10µs
PDRV, NDRV ....................................................... 2A
Storage Temperature ...................... -65°C to 150°C
Lead Temperature (Soldering, 10 sec) .......... 300°C
ESD Rating ............................................... 2kV HBM
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com