Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6121 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 3Page - Sipex Corporation SP6121 Datasheet HTML 4Page - Sipex Corporation SP6121 Datasheet HTML 5Page - Sipex Corporation SP6121 Datasheet HTML 6Page - Sipex Corporation SP6121 Datasheet HTML 7Page - Sipex Corporation SP6121 Datasheet HTML 8Page - Sipex Corporation SP6121 Datasheet HTML 9Page - Sipex Corporation SP6121 Datasheet HTML 10Page - Sipex Corporation SP6121 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Date: 5/25/04
SP6121 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
7
Over Current Protection
Over current protection on the SP6121 is imple-
mented through detection of an excess voltage
condition across the high side PMOS switch
during conduction. This is typically referred to
as high side RDS(ON) detection and eliminates the
need of an external sense resistor. The over
current comparator charges an internal sam-
pling capacitor each time V(ISET) - V(ISENSE)
exceeds the 160mV (typ) internal threshold and
the PDRV voltage is low. The discharge/charge
current ratio on the sampling capacitor is about
2%. Therefore, provided that the over current
condition persists, the capacitor voltage will be
pumped up during each time PDRV switches
low. This voltage will trigger an over current
condition upon reaching a CMOS inverter thresh-
old. There are many advantages to this ap-
proach. First, the filtering action of the gated S/
H scheme protects against false and undesirable
triggering that could occur during a minor tran-
sient overload condition or supply line noise.
Furthermore, the total amount of time to trigger
the fault depends on the on-time of the PMOS
switch. Ten, 1
µs pulses are equivalent to twenty,
500ns pulses or one, 10
µs pulse, however, de-
pending on the period, each scenario takes a
different amount of total time to trigger a fault.
Therefore, the fault becomes an indicator of
average power in the PMOS switch.
Although the 160 mV internal threshold is fixed,
the overall RDS(ON) detection voltage can be
increased by placing a resistor from ISET to the
source of the PMOS. A 30
µA sink current pro-
grams the additional voltage.
In order for the current limit circuit to operate
properly and accurately, the ISET and ISENSE pins
must be Kelvin connected to the high side
PMOS’s source and drain pins.
The 160mV threshold and 30
µA ISET current
have 3300 ppm/
°C temperature coefficients in
an effort to first order match the thermal charac-
teristics of the RDS(ON) of the PMOS switch. It
assumed that the SP6121 will be used in com-
pact designs where there is a high amount of
thermal coupling between the PMOS and the
controller.
Output Drivers
The SP6121, unlike some other bipolar control-
ler IC’s, incorporates gate drivers with rail-to-
rail swing that help prevent spurious turn on due
to capacitive coupling. The driver stage consists
of one high side PMOS, 4
Ω driver, PDRV, and
one low side, 4
Ω, NFET driver, NDRV, opti-
mized for driving external power MOSFET’s in
a synchronous buck topology. The output driv-
ers also provide gate drive non-overlap mecha-
nism that provides a dead time between PDRV
and NDRV transitions to avoid potential shoot-
through problems in the external MOSFET’s.
Figure 3 shows typical waveforms for the output
drivers. As with all synchronous designs, care
must be taken to ensure that the MOSFETs are
properly chosen for non-overlap time, enhance-
ment gate drive voltage, “on” resistance RDS(ON),
reverse transfer capacitance Crss, input voltage
and maximum output current.
TIME
NDRV
PDRV
V(VCC)
- V(Diode) V
~ 0 V
Voltage
SWN
Voltage
V(VCC)
0 V
0 V
V(VCC=VIN)
Voltage
Vcc-2 V
NON-OVERLAP
2 V
RISE TIME
10 %
90 %
FALL TIME
NDRV(PDRV)
PDRV(NDRV)
5 V
10 %
90 %
5 V
GATE DRIVER TEST CONDITIONS
Figure 3. SP6121 Output Driver Waveforms.
THEORY OF OPERATION: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com