Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6122 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6122 Datasheet HTML 1Page - Sipex Corporation SP6122 Datasheet HTML 2Page - Sipex Corporation SP6122 Datasheet HTML 3Page - Sipex Corporation SP6122 Datasheet HTML 4Page - Sipex Corporation SP6122 Datasheet HTML 5Page - Sipex Corporation SP6122 Datasheet HTML 6Page - Sipex Corporation SP6122 Datasheet HTML 7Page - Sipex Corporation SP6122 Datasheet HTML 8Page - Sipex Corporation SP6122 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: 0°C < TAMB < 70°C, 3.0V < VCC < 5.5V, CPDRV = 1nF, VENABLE = VCC, VFFLAG = VCC,
ISET = ISENSE = VCC, GND = 0V
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VCC .............................................................................................................. 7V
All other pins ...................................... -0.3V to VCC+0.3V
Peak Output Current < 10µs
PDRV ......................................................................... 2A
Storage Temperature .............................. -65°C to 150°C
Power Dissipation
Lead Temperature (Soldering, 10 sec) ................. 300°C
ESD Rating ...................................................... 2kV HBM
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
QUIESCENT CURRENT
VCC Supply Current,
OVC Enabled
-
300
450
µA
No Switching, ISET = ISENSE = VCC
VCC Supply Current,
OVC Disabled
-
250
360
µA
No Switching, ISET = ISENSE = 0
VCC Supply Current,
-
150
225
µA
No Switching, ISET = 0,
OVC Disabled, Ultra Low IQ
ISENSE=VCC
VCC Supply Current, Sleep Mode
-
5
15
µA
Enable=0
REFERENCE
Output Voltage, Initial Accuracy
VR*0.985
VR
VR*1.015
V
VR = Factory Set Voltage,
see Note
Output Voltage, Over Line,
VR*0.980
VR
VR*1.020
V
VR = Factory Set Voltage,
Load and Temperature
see Note
Reference Comparator
-
5
-
mV
Internal Hysteresis at Feedback
Hysteresis
Terminal
VOUT Input Current
-
23
-
µAVOUT = VR;
SP6122ACU-1.5 ONLY
OSCILLATOR
Oscillator Frequency
210
300
390
kHz
Minimum Pulse Width during
150
270
380
ns
Startup (Blanking Time)
Soft Start
Soft Start Ramp Time
-
3.5
-
ms
VOUT = VR – 30mV, Measure
time from ENABLE = 1V to
PDRV Low
Soft Start Voltage when
-
250
-
mV
Measure VSoft Start when
PDRV Switches
PDRV goes Low. (internal)
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com