Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6122 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6122 Datasheet HTML 1Page - Sipex Corporation SP6122 Datasheet HTML 2Page - Sipex Corporation SP6122 Datasheet HTML 3Page - Sipex Corporation SP6122 Datasheet HTML 4Page - Sipex Corporation SP6122 Datasheet HTML 5Page - Sipex Corporation SP6122 Datasheet HTML 6Page - Sipex Corporation SP6122 Datasheet HTML 7Page - Sipex Corporation SP6122 Datasheet HTML 8Page - Sipex Corporation SP6122 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
PIN DESCRIPTION
PIN #
PIN NAME
DESCRIPTION
1VCC
Main Supply Pin: A RC filter as shown in the application circuit is
recommended. The decoupling capacitor needs to be close to the pin.
2
FFLAG
Fault Flag Pull-down Pin: Sinks current during a fault condition. Can
be hooked up to ENABLE to initiate Hiccup Timing.
3VOUT
Regulated Output Voltage: This voltage is divided internally and
compared to a 1.5%, 1.25V reference at the PFM comparator.
4
ENABLE
Enable Input: Floating this pin or pulling above 1.45V enables the
part. Pulling this pin to less than 0.9V will disable the part. A minimum
100pF capacitor is required between this pin and Ground to ensure
proper startup. If FFLAG is hooked to ENABLE, the capacitor on
ENABLE will control hiccup timing.
5ISENSE
Negative Input to the Over Current Amplifier/Comparator: This input
is subtracted from the ISET input and gained by a factor of 3.3. The
output of this amplifier is compared with a 0.5V threshold, yielding a
150mV threshold. This threshold has a 3800 ppm/°C temperature
coefficient. If the subtraction exceeds 150mV, charge is pumped into
a capacitor until the capacitor hits VCC/2. At this time, the over current
fault is activated. If ISET = 0V and ISENSE = VCC, the part enters an
unprotected, 150µA quiescent current mode.
6ISET
Positive Input to the Over Current Amplifier: 20µA flows into the ISET
pin if it is pulled through a resistor to VIN. This current has a
4300ppm/°C temperature coefficient and can be used via external
resistor to raise the overcurrent trip point from 150mV to some higher
value. If ISET = 0V and ISENSE = 0V, the part enters an unprotected,
250µA quiescent current mode.
7
GND
Power and Analog Ground: Hook directly to output ground.
8
PDRV
Drive for PFET High Side Switch: 1nF/20ns Output Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com