Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6122 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6122 Datasheet HTML 1Page - Sipex Corporation SP6122 Datasheet HTML 2Page - Sipex Corporation SP6122 Datasheet HTML 3Page - Sipex Corporation SP6122 Datasheet HTML 4Page - Sipex Corporation SP6122 Datasheet HTML 5Page - Sipex Corporation SP6122 Datasheet HTML 6Page - Sipex Corporation SP6122 Datasheet HTML 7Page - Sipex Corporation SP6122 Datasheet HTML 8Page - Sipex Corporation SP6122 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
RDS OVER CURRENT COMPARATOR
Over Current Comparator
130
150
180
mV
V(ISET) - V(ISENSE) 25°C only
Threshold Voltage
Threshold Voltage Temperature
-
3800
-
ppm/°C
Coefficient
ISET Sink Current
15
20
25
µA
Current into ISET 25°C only
ISET Current Temperature
-
4300
-
ppm/°C
Coefficient
ISENSE Input Bias Current
-
-
100
nA
ISET, ISENSE Common Mode
2.0
-
VCC
V
Input Range
Over Current Peak Detection
-
10
-
µs
Time Constant
ENABLE INPUT & FFLAG OUTPUT
ENABLE Threshold
0.90
1.21
1.45
V
ENABLE Pin Source Current
0.8
5.0
10.0
µA
FFLAG Sink Current
3.0
7.5
15.0
mA
V(FFLAG) = 1V
GATE DRIVER
PDRV Rise Time
20
75
ns
0.5V to 4.5V
PDRV Fall Time
20
75
ns
4.5V to 0.5V
NOTE: Available Output Voltages: 1.5V Fixed, 1.25V Adj.
ELECTRICAL CHARACTERISTICS: Continued
Unless otherwise specified: 0°C < TAMB < 70°C, 3.0V < VCC < 5.5V, CPDRV = 1nF, VENABLE = VCC, VFFLAG = VCC,
ISET = ISENSE = VCC, GND = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com