Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6123 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6123
Description  Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6123 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6123 Datasheet HTML 10Page - Sipex Corporation SP6123 Datasheet HTML 11Page - Sipex Corporation SP6123 Datasheet HTML 12Page - Sipex Corporation SP6123 Datasheet HTML 13Page - Sipex Corporation SP6123 Datasheet HTML 14Page - Sipex Corporation SP6123 Datasheet HTML 15Page - Sipex Corporation SP6123 Datasheet HTML 16Page - Sipex Corporation SP6123 Datasheet HTML 17Page - Sipex Corporation SP6123 Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Date: 5/25/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
Most electrolytic and tantalum capacitors come
with adequate ESR value to generate a zero below
power supplies’ crossover frequency. This is cru-
cial to a stable close loop system. However, this
same system can become unstable if ceramic out-
put capacitors are used. The low ESR associated
with ceramic capacitors can push the ESR zero
above the crossover frequency and often higher
than 1MHz. In this case, type III compensation is
required to provide additional low frequency zero for
adequate phase margin and thus stable operation.
The design of type III compensation using
SP6123 transconductance error amplifier is quite
straightforward. First, the resonant frequency of
the LC output filter could be derived from
fr =
1
= 11.6kHz
2
π√ L1COUT
The values and references used in all the calcula-
tions agree with the schematic shown in Figure 3.
Select values of R2, C1, RZ and CZ to place two
zeros below or equal to the LC resonant fre-
quency. Those two zeros are located at:
fZ1 =
1
= 6kHz
2
πR2C1
fZ2 =
1
= 11.7kHz
2
πRZCZ
There is low frequency pole determined by both
the error amplifier gain and feedback gain. It
occurs at
fP1 =
1
= 3.25Hz
2
π(R2 // R3)CZGMROUT
In SP6123, GM (error amplifier transconductance)
and ROUT (error amplifier output impedance) are
specified at 0.6ms and 3M
Ω, respectively.
For frequencies above the second zero fZ2, the
feedback gain rises at 20dB/dec and is equal to
AFB = 2
πfRZC1
However, the error amplifier gain AEA declines
at -20dB/dec due to CP.
AEA =
GM
2
πfCP
When AFB is less than AEA, the compensated
error amplifier gain is dominated by AFB. As a
result, it shows up as a positive 20dB/dec slope.
However, when the rising AFB crosses the fall-
ing AEA at one particular frequency, the com-
pensated error amplifier gain is now solely de-
termined by AEA. Therefore, the 20dB/dec slope
is converted to a -20dB/dec slope, and the bode
plot demonstrates a double pole at this fre-
quency which is equal to
fP2 =
1GM
= 221kHz
2
π
CPC1RZ
Select CP such that fP2 is located at least a decade
higher than the crossover frequency.
As shown in Figure 4, this type III compensation
generates a close loop system with 50 degree phase
margin and crossover frequency at 20kHz. This
ensures a stable regulated power supply with tight
DC regulation and fast transient response.
Figure 4. Bode Plot for schematic shown in Figure 3. V
IN = 3.3V and VOUT = 1.6V, no load.
-100
10Hz
100Hz
100Hz
1.0kHz
10kHz
1.0MHz
10MHz
Gain
Phase
Frequency
200
100
0
-200
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com