Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6123 Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP6123
Description  Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6123 Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP6123 Datasheet HTML 10Page - Sipex Corporation SP6123 Datasheet HTML 11Page - Sipex Corporation SP6123 Datasheet HTML 12Page - Sipex Corporation SP6123 Datasheet HTML 13Page - Sipex Corporation SP6123 Datasheet HTML 14Page - Sipex Corporation SP6123 Datasheet HTML 15Page - Sipex Corporation SP6123 Datasheet HTML 16Page - Sipex Corporation SP6123 Datasheet HTML 17Page - Sipex Corporation SP6123 Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Date: 5/25/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
PCB layout plays a critical role in proper func-
tion of the converters and EMI control. In switch
mode power supplies, loops carrying high di/dt
give rise to EMI and ground bounces. The goal
of layout optimization is to identify these loops
and minimize them. It is also crucial on how to
connect the controller ground such that its op-
eration is not affected by noise. The following
guideline should be followed to ensure proper
operation.
1. A ground plane is recommended for minimiz-
ing noises, copper losses and maximizing heat
dissipation.
2. Begin the layout by placing the power compo-
nents first. Orient the power circuitry to achieve
a clean power flow path. If possible make all the
connections on one side of the PCB with wide,
copper filled areas.
3. Connect the ground of feedback divider and
compensation components directly to the GND
pin of the IC using a dedicated ground trace.
Then connect this pin as close as possible to the
ground of the output capacitor.
4. The VCC bypass capacitor should be right next
to the VCC and GND pins.
5. The trace connecting the feedback resistors to
the output should be short, direct and far away
from the switch node, and switching compo-
nents.
6. Minimize the trace between GH/GL and the
gates of the MOSFETs to reduce the impedance
driving the MOSFETs. This is especially impor-
tant for the bottom MOSFET that tends to turn
on through its Miller capacitor when the switch
node swings high.
7. Minimize the loop composed of input capaci-
tors, top/bottom MOSFETs and Schottky diode.
This loop carries high di/dt current. Also in-
crease the trace width to reduce copper losses.
8. Maximize the trace width of the loop connect-
ing the inductor, output capacitors, Schottky
diode and bottom MOSFET.
LAYOUT GUIDELINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com