Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6123 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6123
Description  Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6123 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6123 Datasheet HTML 1Page - Sipex Corporation SP6123 Datasheet HTML 2Page - Sipex Corporation SP6123 Datasheet HTML 3Page - Sipex Corporation SP6123 Datasheet HTML 4Page - Sipex Corporation SP6123 Datasheet HTML 5Page - Sipex Corporation SP6123 Datasheet HTML 6Page - Sipex Corporation SP6123 Datasheet HTML 7Page - Sipex Corporation SP6123 Datasheet HTML 8Page - Sipex Corporation SP6123 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Date: 5/25/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
SP6123/SP6123A
■ Optimized for Single Supply, 3V - 5.5V Applications
■ High Efficiency: Greater Than 95% Possible
■ Accurate Fixed 300kHz (SP6123) or 500kHz
(SP6123A) Frequency Operation
■ Fast Transient Response
■ Internal Soft Start Circuit
■ Accurate 0.8V Reference Allows Low Output
Voltages
■ Resistor Programmable Output Voltage
■ Loss-less Current Limit with High Side RDS(ON)
Sensing
■ Hiccup Mode Current Limit Protection
■ Dual N-Channel MOSFET Synchronous Driver
■ Quiescent Current: 500µA, 30µA in Shutdown
■ 8-Pin Surface Mount Package
Low Voltage, Synchronous Step-Down PWM Controller
Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
APPLICATIONS
■ DSP
■ Microprocessor Core
■ I/O & Logic
■ Industrial Control
■ Distributed Power
■ Low Voltage Power
The SP6123 is a fixed frequency, voltage mode, synchronous PWM controller designed to
work from a single 5V or 3.3V input supply, providing excellent AC and DC regulation for high
efficiency power conversion. Requiring only few external components, the SP6123 pack-
aged in an 8-pin NSOIC, is especially suited for low voltage applications where cost, small
size and high efficiency are critical. The operating frequency is internally set to 300kHz
(SP6123) or 500kHz (SP6123A), allowing small inductor values and minimizing PC board
space. The SP6123 drives an all N-channel synchronous power MOSFET stage for improved
efficiency and includes an accurate 0.8V reference for low output voltage applications.
®
TYPICAL APPLICATION CIRCUIT
BST
SWN
VCC
VFB
COMP
GH
GL
GND
CC
4.7nF
RZ
15k
CB
2.2µF
VIN
SP6123A
CP
56pF
FDS6890A
CIN
680µF
R1
10k
VOUT
IN
0.8V to 5.0V
2A to 10A
(1.6V, 4A shown)
CBST
1µF
MBR0530
L1
1.5µH
FDS6890A
COUT1
470µF
COUT3
1µF
R2
10k
COUT2
470µF
STPS2L25U
3V to 5.5V
1
2
3
4
5
6
7
8
COMP
GL
BST
GH
SWN
VFB
VCC
SP6123
8 Pin NSOIC
GND
Now Available in Lead Free Packaging
DESCRIPTION


Similar Part No. - SP6123

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6123A EXAR-SP6123A Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6123ACN EXAR-SP6123ACN Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6123ACN/TR EXAR-SP6123ACN/TR Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6123CN EXAR-SP6123CN Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
More results

Similar Description - SP6123

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
2A Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com