Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2873O-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 2SC2873O-G
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC2873O-G Datasheet(HTML) 2 Page - Comchip Technology

  2SC2873O-G Datasheet HTML 1Page - Comchip Technology 2SC2873O-G Datasheet HTML 2Page - Comchip Technology 2SC2873O-G Datasheet HTML 3Page - Comchip Technology 2SC2873O-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
RATING AND CHARACTERISTIC CURVES (2SC2873-G)
General Purpose Transistor
1
100
1000
100
200
1000
0
10
100
1000
1
10
0.1
Collector Current , (mA)
Collector Current, Ic (mA)
10
Fig.6 - Cob/Cib — VCB/VEB
Fig.2 - hFE— IC
Fig.4- VCEsat — IC
Reverse Voltage , (V)
1
100
100
1000
10
1000
2000
20
Collector-Emitter Voltage, (V)
500
1000
0
2
4
6
8
16
Fig.1 - Static Characteristic
Collector Current
(mA)
, Ic
10
Fig.3 - VBEsat — IC
100
1000
300
1000
Fig.5 - IC — VBE
0
0.2
1.0
0.4
0.6
1
10
100
1000
Base-Emmiter Voltage, VBE(V)
β=10
β=10
Ta=25°C
Ta=100°C
0.8
Ta=100°C
Ta=25°C
10
Ta=100°C
Ta=25°C
-500uA
COMMON EMITTER
VCE=2V
-500uA
-450uA
COMMON
EMITTER
Ta=25°C
IB=1mA
IB=1.5mA
IB=2mA
IB=2.5mA
IB=3mA
IB=3.5mA
IB=4mA
IB=4.5mA
IB=500uA
900
800
700
600
200
400
300
100
0
10
12
14
REV: A
QW-BTR43
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com