Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2873O-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 2SC2873O-G
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC2873O-G Datasheet(HTML) 1 Page - Comchip Technology

  2SC2873O-G Datasheet HTML 1Page - Comchip Technology 2SC2873O-G Datasheet HTML 2Page - Comchip Technology 2SC2873O-G Datasheet HTML 3Page - Comchip Technology 2SC2873O-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2873-G Series (NPN)
RoHS Device
General Purpose Transistor
Page 1
REV: A
Features
- Small flat package
- High speed switching time.
1
Base
3
Emitter
Collector
2
QW-BTR43
Part No.
Range
2SC2873O-G
70-140
120-240
2SC2873Y-G
Classification Of hFE
Marking
MO
MY
Company reserves the right to improve product design , functions and reliability without notice.
1 : BASE
2 : COLLECTOR
3 : EMITTER
Dimensions in inches and (millimeter)
SOT-89-3L
0.181(4.60)
0.173(4.40)
0.102(2.60)
0.091(2.30)
0.118(3.00)
TYP.
0.063(1.60)
0.055(1.40)
0.047(1.20)
0.035(0.90)
0.020(0.52)
0.013(0.32)
0.017(0.44)
TYP.
0.060(1.50)
0.167(4.25)
0.155(3.94)
0.014(0.35)
0.023(0.58)
0.016(0.40)
REF.
0.061(1.55)
1
2
3
Maximum Ratings (at TA=25°C unless otherwise noted)
VCEO
Emitter-Base voltage
Collector-Emitter voltage
Collector-Base voltage
Collector current
Symbol
Parameter
Value
Unit
V
V
V
5
50
50
IC
2
A
500
mW
PD
Collector power dissipation
°C/W
RθJA
250
VCBO
VEBO
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-55~+150
Symbol
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-Base breakdown voltage
0.1
IC =100μA , IE=0
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-Emitter saturation voltage
Transition frequency
Collector output capacitance
IC =1mA , IB=0
IE =100μA , IC=0
VCB=50V , IE=0
VEB=5V , IC=0
VCE=2V , IC=0.5mA
IC=1A , IB=50mA
VCE=2V , IC=0.5A
VCB=10V, IE=0 , F=1MHZ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE(1)
VCE(sat)
fT
Cob
50
50
5
0.1
240
70
0.5
30
V
V
V
µA
µA
V
MHZ
P
F
VCE=2V , IC=2mA
hFE(2)
20
Base-Emitter saturation voltage
IC=1A , IB=50mA
VBE(sat)
1.2
V
Typ
120
- Low collector-emitter saturation voltage.
Circuit Diagram
Thermal resistance from
junction to ambient


Similar Part No. - 2SC2873O-G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
187Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2873 KEXIN-2SC2873 Datasheet
63Kb / 2P
Silicon PNP Epitaxial Type
logo
SeCoS Halbleitertechnol...
2SC2873 SECOS-2SC2873 Datasheet
219Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Shenzhen Jin Yu Semicon...
2SC2873 HTSEMI-2SC2873 Datasheet
413Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2873O-G

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com