Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2873O-G Datasheet(PDF) 3 Page - Comchip Technology

Part # 2SC2873O-G
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC2873O-G Datasheet(HTML) 3 Page - Comchip Technology

  2SC2873O-G Datasheet HTML 1Page - Comchip Technology 2SC2873O-G Datasheet HTML 2Page - Comchip Technology 2SC2873O-G Datasheet HTML 3Page - Comchip Technology 2SC2873O-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
Fig.7 - PC — Ta
Ambient Temperature , Ta (°C)
0
25
50
75
100
125
150
0
100
300
400
600
General Purpose Transistor
200
500
Suggested PAD Layout
SIZE
(inch)
0.102
(mm)
2.60
1.40
4.40
0.055
0.173
SOT-89-3L
3.20
0.126
A
B
C
D
A
0.075
1.90
1.40
0.80
0.055
0.032
0.90
0.035
E
F
G
H
E
1.50
0.059
I
C
B
D
G
F
H
I
45°
Standard Packaging
Case Type
SOT-89-3L
1,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
RATING AND CHARACTERISTIC CURVES (2SC2873-G)
REV: A
QW-BTR43
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com