Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6132CU-L/TR Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6132CU-L/TR
Description  Wide Input, 300KHz Synchronous PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132CU-L/TR Datasheet(HTML) 1 Page - Sipex Corporation

  SP6132CU-L/TR Datasheet HTML 1Page - Sipex Corporation SP6132CU-L/TR Datasheet HTML 2Page - Sipex Corporation SP6132CU-L/TR Datasheet HTML 3Page - Sipex Corporation SP6132CU-L/TR Datasheet HTML 4Page - Sipex Corporation SP6132CU-L/TR Datasheet HTML 5Page - Sipex Corporation SP6132CU-L/TR Datasheet HTML 6Page - Sipex Corporation SP6132CU-L/TR Datasheet HTML 7Page - Sipex Corporation SP6132CU-L/TR Datasheet HTML 8Page - Sipex Corporation SP6132CU-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Date: 8/4/04
SP6132 Wide Input, 300KHz Synchronous PWM Controller
© Copyright 2004 Sipex Corporation
SP6132
FEATURES
■ 3V to 12V Step Down Achieved Using Dual Input
■ 2A to 15A Ouput Capability
■ Highly Integrated Design, Minimal Components
■ UVLO Detects Both VCC and VIN
■ Short Circuit Protection with Auto-Restart
■ On-Board 1.5Ω sink (2Ω source) NFET Drivers
■ Wide BW Amp Allows Type II or III Compensation
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 95% Possible
■ A Synchronous Start-Up into a Pre-Charged Output
■ Small 10-Pin MSOP Package
Wide Input, 300KHz Synchronous PWM Controller
DESCRIPTION
The SP6132 is wide input, synchronous step-down switching controller optimized for high efficiency. The part is
designed to be especially attractive for dual supply, 12V step down with 5V used to power the controller. This lower VCC
voltage minimizes power dissipation in the part. The SP6132 is designed to drive a pair of external NFETs using a fixed
300kHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal shutdown and output
short circuit protection. The SP6132 is available in the cost and space saving 10-pin MSOP
.
®
TYPICAL APPLICATION CIRCUIT
VCC
GL
GND
VFB
COMP
SP6132
10 Pin MSOP
1
2
3
4
5
10
9
8
7
6
BST
GH
SWN
SS
UVIN
8 7 6 5
1 2 3
4
CSS
47nF
L1 SC5018-2R7M
2.7µH @ 12A
DCR=4.30mΩ
C3
47µF
6.3V
R1
68.1k, 1%
VOUT
3.3V
0 - 10 A
R2
21.5k, 1%
CVCC
10µF
6.3V
R3
221k, 1%
R4
100k, 1%
CF1
100pF
CZ2
1500pF
CP1
22pF
fs=300Khz
RZ2
27.4k, 1%
FDS7088N3
21A, 5mΩ
8 7 6 5
4
1 2 3
DBST
MBR0530
SP6132
1
2
3
4
5
10
9
8
7
6
VCC
GL
GND
VFB
COMP
BST
GH
SWN
SS
UVIN
UVIN
VCC
GND 3
U1
CVCC
Ceramic
0805
X5R
QT
SS
GND2
C3, C4
Ceramic
1210
X5R
C4
47µF
6.3V
RZ3
4.64k, 1%
CZ3
220pF
C1
22µF
16V
C2
22µF
16V
GND
VIN
12V
C1, C2
Ceramic
1210
X5R
R5
QB
5.11, 1%
ALL RESISTORS AND CAPS ARE 0603 UNLESS OTHERWISE SPECIFIED
Q1, Q2 BOTTOM SIDE DRAIN CONTACT
CBST
1µF
10V
FDS7088N3
21A, 5mΩ
C7
0.1µF
Now Available in Lead Free Packaging


Similar Part No. - SP6132CU-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132CU SIPEX-SP6132CU Datasheet
406Kb / 9P
Evaluation Board Manual
More results

Similar Description - SP6132CU-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
SP6137 SIPEX-SP6137 Datasheet
142Kb / 13P
Wide Input, 900KHz Synchronous PWM Controller
SP6139 SIPEX-SP6139 Datasheet
148Kb / 13P
Wide Input, 1.3MHz Synchronous PWM Controller
logo
Exar Corporation
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
Wide Input, 900kHz Synchronous PWM Step Down Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com