Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6644EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6644EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6644EB Datasheet HTML 1Page - Sipex Corporation SP6644EB Datasheet HTML 2Page - Sipex Corporation SP6644EB Datasheet HTML 3Page - Sipex Corporation SP6644EB Datasheet HTML 4Page - Sipex Corporation SP6644EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The SP6644/6645 Evaluation Board is designed to help the user evaluate the performance of
the SP6644/6645 for use as a single or dual cell input to +3.3V output DC-DC Converter. The
output of the SP6644/6645 is preset to +3.3V or can be adjusted from +2V to +5.5V by
manipulating two external resistors. The SP6644/6645UEB evaluation board is a complete
power supply circuit with an option for adding a small SOT23 5-pin +3V LDO Regulator to
provide even better regulation and low noise output.
The evaluation board is a completely assembled and tested surface mount board which
provides easy probe access points to all SP6644/6645 Inputs and Outputs so that the user can
quickly connect and measure electrical characteristics and waveforms.
The next two sections describe the SP6644/6645 Board Layout and Using the SP6644/6645
Evaluation Boards. Power Supply Data is supplied as measured from a typical SP6644/6645
evaluation board. The SP6644/6645 Evaluation Board List of Materials table is provided with
some manufacturers part numbers to use as a reference. Finally, a schematic and drawings of
the PC Layout are included as a design-in tool for the user of the SP6644/6645.
BOARD LAYOUT
The SP6644/6645 Evaluation Board has been designed for easy and convenient access to all
Inputs and Outputs of the SP6644/6645 device under test. Position the board with the
silkscreen lettering upright, (also see the drawing on the front page of this manual) and you will
see U1 the SP6644/6645 8-pin
µSOIC, in the center left of the board. To the left of U1 are the
input capacitor C1 and the Vbatt pin. To the right of U1 are the output capacitor C2 and the
Vout post. Above U1 is the inductor L1 and the LX test point.
Easy Evaluation for the
SP6644/6645 Single or Dual
Cell Alkaline to 3.3V Output
Provides up to 150mA output
current for 2-Cell Input
High Efficiency: 92%
µSOIC Package & SMT
components for small, low
profile Power Supply
SP6644/6645
Evaluation Board Manual


Similar Part No. - SP6644EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644EU SIPEX-SP6644EU Datasheet
240Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6644EU SIPEX-SP6644EU Datasheet
201Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644EU SIPEX-SP6644EU Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Exar Corporation
SP6644EU EXAR-SP6644EU Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
logo
Sipex Corporation
SP6644EU-L SIPEX-SP6644EU-L Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
More results

Similar Description - SP6644EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com