Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6644EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6644EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP6644EB Datasheet HTML 1Page - Sipex Corporation SP6644EB Datasheet HTML 2Page - Sipex Corporation SP6644EB Datasheet HTML 3Page - Sipex Corporation SP6644EB Datasheet HTML 4Page - Sipex Corporation SP6644EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Figure 1. Efficiency Vs Output Current
Figure 2. Efficiency Vs Output Current
(Vout = 3.3V) Rlim=2.5K
(Vout = 3.3V) Rlim=5K
Figure 3. Line/Load Rejection Vs Output Current
Figure 4. Line/Load Rejection Vs Output Current
(Vout = 3.3V) Rlim=2.5K
(Vout = 3.3V) Rlim=5K
Figure 5. No-Load Battery Current Vs Vbatt
Figure 6. Maximum Load Current Vs Vbatt
(Vout = 3.3V)
(Vout = 3.3V)
Figure 7. Load Transient Response
Figure 8. SP6644 and SP6201 Output Ripple
Rlim=2.5K (Vin = 1.3V,Vout = 3.3V)
Rlim=2.5K (Vin = 1.3V,Vout = 3.3V, Iout=80mA)
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vb=1.0V
Vb=1.3V
Vb=2.0V
Vb=2.6V
Vb=3.2V
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vb=1.0V
Vb=1.3V
Vb=2.0V
Vb=2.6V
Vb=3.2V
3.27
3.28
3.29
3.30
3.31
3.32
3.33
0
20 40 60 80 100 120 140 160 180 200
Iload (mA)
Vb=1.3V
Vb=2.6V
3.27
3.28
3.29
3.30
3.31
3.32
3.33
0
10 20 30 40506070 80 90 100
Iload (mA)
Vb=1.3V
Vb=2.6V
10
100
1000
10000
0.0
1.0
2.0
3.0
4.0
Vbatt (V)
Rlim=2.5k
Rlim=5k
0
20
40
60
80
100
120
140
160
180
200
220
240
0.0
1.0
2.0
3.0
4.0
Vbatt (V)
Rlim=2.5K
Rlim=5K
Inductor
0.5A/div
Vout
50mV/div
Vbatt
50mV/div
SP6201
10mV/div
SP6644
20mV/div



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com