Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6644EB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6644EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644EB Datasheet(HTML) 5 Page - Sipex Corporation

  SP6644EB Datasheet HTML 1Page - Sipex Corporation SP6644EB Datasheet HTML 2Page - Sipex Corporation SP6644EB Datasheet HTML 3Page - Sipex Corporation SP6644EB Datasheet HTML 4Page - Sipex Corporation SP6644EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
SP6644/6645 EVALUATION BOARD SCHEMATIC
TABLE: SP6644/6645EB LIST OF MATERIALS
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6644UEB.................................. -40
°C to +85°C...................SP6644 Evaluation Board
SP6645UEB.................................. -40
°C to +85°C...................SP6645 Evaluation Board
SP6644EU.....................................-40
°C to +85°C......................................8-pin µSOIC
SP6645EU.....................................-40
°C to +85°C......................................8-pin µSOIC
SP6201
3
ENABLE
2
GND
4
RESET_N
1
VIN
5
VOUT
VOUT
VOUT
LX
SHDN
BATTLO
GND
GND
VBATT
R4
U1
SP6644
2
BATTLO
4
SHDN
6
GND
7
LX
3
RLIM
1
VBATT
8
VOUT
5
FB
R1
R3
R2
L1
C4
C2
C3
C1
+0.88V to +3.3V Input
+3.3V
OPEN
OPEN
+
47uF
+3.0V
1uF
Probe Access Points for external connection by the user
+
1
3
2
J1
47uF
100K
2.5K
1M
22uH
SP6644/45 Evaluation Board List of Materials
Ref. Des. Qty.
Manufacturer
Part Number
Layout
Component
Vendor
Size
1
Sipex Corp.
146-6396-01
1"x1.5"
SP6644/45 Eval PC Board
Sipex 978-667-7800
U1
1
Sipex Corp.
SP6644EU or SP6645EU
uSO-8
8-pin uSOIC Step-Up DC/DC Conv
Sipex
U2
1
Sipex Corp.
SP6201EM5-3.0
SOT23-5
5-pin SOT23 200mA LDO 3.0V Output
Sipex
C1,2
2
Sanyo
6TPA47M
"C" size
Poscap Tant. 6.3V 47uF SM 0.1ohm ESR
Sanyo 978-922-6573
C3
1
TDK Corp
C2012X5R1A105K
805
Ceramic 10V 1uF SM 0.05ohm ESR
TDK 847-803-6100
C4
0
Open
805
Open
Open
L1
1
Sumida
CD43-220
5x5mm
22uH, 0.68A, 0.38ohm, SM Inductor
Sumida 847-956-0666
R1
0
Open
1206
Open
Open
R2
1
Panasonic
ERJ-8ENFJ1003
1206
100K ohm 1/8W 1% 1206 SM
Digi-Key 800-344-4539
R3
1
Panasonic
ERJ-8ENF2491
1206
2.49K ohm 1/8W 1% 1206 SM
800-Digi-Key
R4
1
Panasonic
ERJ-8GEY105
1206
1M ohm 1/8W 5% 1206 SM
800-Digi-Key
TP
7
Mill-Max
0300-115-01-4727100
.042 Dia
Test Point Female Pin
800-Digi-Key
J1
1
Sullins
PTC36SAAN
.23x.12
3-Pin Header
800-Digi-Key
1
Sullins
STC02SYAN
.2x.1
Shunt
800-Digi-Key



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com