Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL365 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASL365
Description  365W Ultra High Density PFC Switcher with 12V aux
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL365 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASL365 Datasheet HTML 1Page - Astrodyne Corporation ASL365 Datasheet HTML 2Page - Astrodyne Corporation ASL365 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
365W Ultra High Density PFC Switcher with 12V aux
A S L 3 6 5 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (AC / DC)
90-264 / 170-370
Input Current
4A @ 90VAC
Inrush Current
230VAC Cold Start
Efficiency
90% @ Full Load
Input Frequency
47-63Hz
Power Factor (90VAC)
0.98% min.
Input Fuse
2A Internal Line & Neutral
Under Voltage Lockout
80VAC Auto Recover
Leakage Current (115/230 I/P)
110/200uA
OUTPUT SPECIFICATIONS
Setpoint Accuracy
+/-1% Main Output V1
Voltage Adjust
5% Main Output V1
Load Regulation
+/-1% V1; +/-5% V2 (12V aux,)
Line Regulation
+/-0.1% 90-264VAC
Cross Regulation
+/-1% V1; +/-15% V2 (12V aux,)
Transient Response
(50% Load Change)
10% Recover within 1mS
Set-Up/Rise/Hold-Up (HL; Min Load)
1S/10mS/16mS
Temperature Coefficient
+/-0.25mV/°C
Ripple/Noise (pk-pk, 20Mhz BW) 1% of Output; +/-2% V2 (12V aux,)
Overvoltage Protection
Redundant Protection for Open
Feedback *
OverCurrent Protection
110-130% Auto Recover*
Short Circuit and Over Temp Protection
Auto Recovery *
Remote Sense
0.5V min (5V Only)
GENERAL SPECIFICATIONS
I/P-O/P Isolation
3000VAC for 1 Minute
I/P-Ground Isolation
1500VAC for 1 Minute
O/P-O/P Isolation
100VDC for 1 Minute
O/P-Ground Isolation
500VAC for 1 Minute
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +50°C FL Derate Linearly to
50% Load at 70°C *
Cooling
200LFM >200W O/P Power
Relative Humidity
95% Non Condensing
Storage Temperature
-20 to +85°C *
Operating Altitude
3000m
Shock
30G, Half Sine, 6 Axis
Vibration
2G, 5-500Hz, 3 Axis
MTBF
Convection Cooled: 100,000Hrs
Air Flow (200 CFM): 300,000 Hrs
EMC
Conducted EMI
EN55022, EN60601-1-2 Class B
4dB Margin
Radiated EMI
EN55022, Class B, 4dB Margin
Voltage Fluctuation
EN61000-3-3
ESD
EN61000-4-2, 8KV Air, 6KV Contact
Radiated Field
EN61000-4-3, 3V/m, 80-2500MHz
1kHz/2Hz 80% AM Modulation
Dwell Time is 3S for 2Hz Modulation
Dwell Time is 1S for 1Hz Modulation
EFT
EN61000-4-4, 2kV on AC and DC
5kHz repetition 1kV on I/O
Surge
EN61000-4-5, 2kV CM, 1kV DM
(min 5 surges at each phase angle)
Conducted RF Immunity
EN61000-4-6, 3Vrms, 0.15-80MHz
1kHz/2Hz 80% AM Modulation
Magnetic Field Immunity
EN61000-4-8, 50 and 60 Hz, 3A/m
Dips & Interruptions
EN61000-4-11
Dip to 40% for 5 cycles (100mS)
Dip to 70% for 25 cycles (500mS)
Dropout to 5% for 10mS
Inerrupts>95% for 5S
Safety Standards
EN60950, IEC60950, UL/cUL 60950
Size
3” x 5” x 1.33”
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com