Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL365 Datasheet (PDF) - Astrodyne Corporation

ASL365 Datasheet PDF - Astrodyne Corporation
Part # ASL365
Download  ASL365 Download
File Size   1296.46 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 365W Ultra High Density PFC Switcher with 12V aux

ASL365 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASL365 Datasheet PDF - Astrodyne Corporation

Part # ASL365
Download  ASL365 Click to download

File Size   1296.46 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 365W Ultra High Density PFC Switcher with 12V aux

ASL365 Datasheet (HTML) - Astrodyne Corporation




Similar Part No. - ASL365

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL360 ASB-ASL360 Datasheet
662Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL360 ASB-ASL360 Datasheet
927Kb / 12P
Wideband Linear Amplifier MMIC
September 2017
ASL360 ASB-ASL360_17 Datasheet
927Kb / 12P
Wideband Linear Amplifier MMIC
September 2017
ASL362 ASB-ASL362 Datasheet
548Kb / 7P
Wideband Linear Push-pull Amplifier MMIC
June 2011
ASL362 ASB-ASL362 Datasheet
906Kb / 11P
Wideband Linear Push-pull Amplifier MMIC
June 2017
More results


Similar Description - ASL365

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Linear Technology
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
SUYIN USA, INC.
070431FB SUYIN-USA-070431FB Datasheet
218Kb / 1P
ULTRA THIN D-SUB HIGH DENSITY
logo
Cooper Bussmann, Inc.
CTX22-16885 COOPER-CTX22-16885 Datasheet
233Kb / 1P
INDUCTOR, BOOST PFC W/AUX
logo
DB Lectro Inc
5D-1A DBLECTRO-5D-1A Datasheet
453Kb / 2P
PCB Ultra Density
logo
Linear Technology
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
12V main output and 5V,1A Aux output
logo
Samtec, Inc
SEAM8-40-S02.0-S SAMTEC-SEAM8-40-S02.0-S Datasheet
717Kb / 1P
ULTRA-HIGH DENSITY OPEN-PIN-FIELD
logo
SHENZHEN FUMAN ELECTRON...
TC2309 FUMAN-TC2309 Datasheet
99Kb / 1P
12V high density P-channel MOS transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com