Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL365 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASL365
Description  365W Ultra High Density PFC Switcher with 12V aux
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL365 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASL365 Datasheet HTML 1Page - Astrodyne Corporation ASL365 Datasheet HTML 2Page - Astrodyne Corporation ASL365 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
365W Ultra High Density PFC Switcher with 12V aux
A S L 3 6 5 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE PACIFIC: 886-2-26983458
Single Outputs with 12V Auxillary
Universal 90 to 264VAC Input
5VDC to 48VDC Outputs
3,000VAC Input to Output Isolation
Short Circuit Protection
Full Safety Approvals
Model Number
V1
I1 Air Flow Convection / 200LFM
I2 (12V aux.)
ASL365-5
5VDC
25 / 40A
0.5 max.
ASL365-12
12VDC
16.6 / 31.25A
0.5 max.
ASL365-24
24VDC
8.4 / 15.62A
0.5 max.
ASL365-48
48VDC
4.2 / 7.81A
0.5 max.
Notes:
These products are 0- Full Load operation
Convection Cooling - Total Power not to exceed the rated output power of 200W convection cool for 12, 24 and 48V
models or 125W for 5V model.
200 LFM - Total Power not to exceed the rated output power of 375W forced air for 12, 24 and 48V models or 200W
for 5V model.


Similar Part No. - ASL365

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL360 ASB-ASL360 Datasheet
662Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL360 ASB-ASL360 Datasheet
927Kb / 12P
Wideband Linear Amplifier MMIC
September 2017
ASL360 ASB-ASL360_17 Datasheet
927Kb / 12P
Wideband Linear Amplifier MMIC
September 2017
ASL362 ASB-ASL362 Datasheet
548Kb / 7P
Wideband Linear Push-pull Amplifier MMIC
June 2011
ASL362 ASB-ASL362 Datasheet
906Kb / 11P
Wideband Linear Push-pull Amplifier MMIC
June 2017
More results

Similar Description - ASL365

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Linear Technology
LTC4278 LINER-LTC4278 Datasheet
400Kb / 40P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
SUYIN USA, INC.
070431FB SUYIN-USA-070431FB Datasheet
218Kb / 1P
ULTRA THIN D-SUB HIGH DENSITY
logo
Cooper Bussmann, Inc.
CTX22-16885 COOPER-CTX22-16885 Datasheet
233Kb / 1P
INDUCTOR, BOOST PFC W/AUX
logo
DB Lectro Inc
5D-1A DBLECTRO-5D-1A Datasheet
453Kb / 2P
PCB Ultra Density
logo
Linear Technology
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
12V main output and 5V,1A Aux output
logo
Samtec, Inc
SEAM8-40-S02.0-S SAMTEC-SEAM8-40-S02.0-S Datasheet
717Kb / 1P
ULTRA-HIGH DENSITY OPEN-PIN-FIELD
logo
SHENZHEN FUMAN ELECTRON...
TC2309 FUMAN-TC2309 Datasheet
99Kb / 1P
12V high density P-channel MOS transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com