Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7612 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7612
Description  Low Dropout LED Driver for any Color LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7612 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7612 Datasheet HTML 1Page - Sipex Corporation SP7612 Datasheet HTML 2Page - Sipex Corporation SP7612 Datasheet HTML 3Page - Sipex Corporation SP7612 Datasheet HTML 4Page - Sipex Corporation SP7612 Datasheet HTML 5Page - Sipex Corporation SP7612 Datasheet HTML 6Page - Sipex Corporation SP7612 Datasheet HTML 7Page - Sipex Corporation SP7612 Datasheet HTML 8Page - Sipex Corporation SP7612 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Date: 6/30/04
SP7611A/7612/7614 Low Dropout LED Driver for Any Color LED
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
LED Current versus Enable Voltage
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000
18.000
VEN Voltage (V)
ILED vs Set Resistor and Cathode Voltage
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
10
20
30
40
50
60
70
80
90
100
Set Resistor (kOhms)
Vk=50mV
Vk=100mV
Vk=150mV
Vk=200mV
Vk=250mV
Vk=300mV
PWM LED Current vs. Temperature
21
22
23
24
25
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature (C)
Iset=100uA, Vcathode=150mV
T
T
[]
T
Time (1µs/div)
T
T
[]
T
Time (1µs/div)
Enable Voltage Transient Response
Control Voltage Transient Response
SP7614 LED Current vs. LED Cathode Voltage
5
10
15
20
25
30
35
0
0.2
0.4
0.6
0.8
1
LED Cathode Voltage (V)
For Iset = 25uA
For Iset = 50uA
ISET versus CTRL Voltage
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
CTRL Pin Voltage (V)
Vk=1V
Vk=150mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com