Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7612 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7612
Description  Low Dropout LED Driver for any Color LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7612 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7612 Datasheet HTML 1Page - Sipex Corporation SP7612 Datasheet HTML 2Page - Sipex Corporation SP7612 Datasheet HTML 3Page - Sipex Corporation SP7612 Datasheet HTML 4Page - Sipex Corporation SP7612 Datasheet HTML 5Page - Sipex Corporation SP7612 Datasheet HTML 6Page - Sipex Corporation SP7612 Datasheet HTML 7Page - Sipex Corporation SP7612 Datasheet HTML 8Page - Sipex Corporation SP7612 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Date: 6/30/04
SP7611A/7612/7614 Low Dropout LED Driver for Any Color LED
© Copyright 2004 Sipex Corporation
APPLICATION INFORMATION
SETTING THE LED CURRENT
The current flowing into LEDs is approximately 200
times greater than the current ISET. The LED current is
controlled by ICONTROL and RSET according to the follow-
ing formula:
ILED = 200 X (VCONTROL - VCTRL) / RSET
For VCONTROL = 3V and a specified LED current, the RSET
value can be evaluated using the diagram shown in the
Typical Performance Characteristics section. For any
other option, ISET vs. VCTRL. The LED's brightness can
also be adjusted by driving ENABLE or the CTRL pin with
a PWM signal. The driving signal frequency should be
greater than 100Hz to avoid flickering, increasing to
more than 1MHz, if necessary.
LEDs are very sensitive to temperature. In most cases
the maximum allowed junction temperature is 100ºC.
This temperature is the result of adding to the ambient
temperature the over temperature due to power dissipa-
tion, is described by the following:
Tj = TA + ØjA x I xVF
where Tj is the LED junction temperature, TA is the
ambient temperature, ØjA is the junction to ambient
thermal resistance, I is the LED current and VF is the LED
forward voltage.
The SP7611AA to SP7614 are designed to reduce the
current through LEDs, when the temperature rises and
the cathode voltage increases, as can be seen from
typical the "LED Current vs. LED Cathode Voltage"
graph under the Typical Performance Characteristics
section.
The SP761X driver's low dropout architecture can sig-
nificantly improve the efficiency compared to using simple
ballast resistors.
The system efficiency, defined as the ratio between the
LEDs power and the input supplied power can be
calculated as follows:
Efficiency = (VIN - VCATHODE) / VIN
The lower the VCATHODE , the higher the system effi-
ciency. Efficiency can be further improved using a higher
VIN with more LEDs as shown in example 3.
APPLICATION NOTES
The ultra-low voltage drop across the SP761X series of
LED drivers, allow the devices to drive white, blue, and
other color LEDs in a wide range of input voltages. The
driver can be used in many applications. Although, only
the SP7611A is shown in all three examples, any of the
SP762X series of LED drivers can be used in the
applications presented in this document, due to their
similar operation.
Example 1: Drive low VF white or blue LEDs directly
from single cell Li-ion
When using white or blue low VF LEDs, and utilizing the
drivers low voltage drop, only 3.4V in VINis needed for the
full 20mA LED current. At 3.1V, there is still 5mA typical
current available for the LEDs. The single cell Li-ion is
utilized in most applications like cell phones or digital still
cameras. In most cases, the Li-ion battery voltage level
only goes down to 3.0V voltage level, and not down to the
full discharge level (2.7V) before requesting the charger.
- TDROP < 0.3V
- VF (at 20mA) < 3.1V (Low VF)
- VIN (at 20mA) < - VDROP +VF = 3.4V
- VIN (at 5mA typical) ~ 3.1V
Key Advantages
1) No boost circuit needed for the LCD or keyboard
backlight
2) Drivers directly connected to a Li-ion battery
3) No EMI, no switching noise, no boost efficiency lost,
no capacitor, and no inductor
VIN
LED1
GND
CTRL
ON/OFF
ENABLE
VCONTROL
RSET
®
®
SP7611
I SET
LED3
LED2
LED4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com