Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7612 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7612
Description  Low Dropout LED Driver for any Color LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7612 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7612 Datasheet HTML 1Page - Sipex Corporation SP7612 Datasheet HTML 2Page - Sipex Corporation SP7612 Datasheet HTML 3Page - Sipex Corporation SP7612 Datasheet HTML 4Page - Sipex Corporation SP7612 Datasheet HTML 5Page - Sipex Corporation SP7612 Datasheet HTML 6Page - Sipex Corporation SP7612 Datasheet HTML 7Page - Sipex Corporation SP7612 Datasheet HTML 8Page - Sipex Corporation SP7612 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 6/30/04
SP7611A/7612/7614 Low Dropout LED Driver for Any Color LED
© Copyright 2004 Sipex Corporation
FEATURES
■ LED Drivers for parallel connected LEDs
■ Ultra Low Dropout Voltage of 150mV
(SP7614)
■ No EMI, no switching noise
■ Integrated current matching
■ PWM and Analog brightness control
■ Enable/Shutdown control
■ Shutdown current < 1µA
■ Small footprint SC-70 Package
Low Dropout LED Driver for any Color LED
®
APPLICATIONS
■ Next Generation Mobile Phones
■ PDA, DSC, MP3 players
■ Handheld Computers
■ LCD Display Modules
■ Keyboard Backlight
■ LED Displays
TYPICAL APPLICATION SCHEMATIC
DESCRIPTION
The SP761X driver family provides a simple solution for a matched current source any color LED.
The current in the LEDs can be programmed by an external resistor. The Individual LED currents
are 200 x ISET, where ISET is the current through the external resistor connected to the CTRL
pin. The SP7611A is capable of driving four LEDs, while the SP7612 can drive three LEDs. The
SP7614 is designated to drive two high current LEDs. LED1 should always be connected to an
LED in order to have the other LEDs driven with a matched current to LED1.
The SP7612 and SP7614 have Enable pins. When these devices are disabled, the supply current
drops to 0.01µA typical.
The SP7611A, SP7612 and SP7614 drivers are available in a small footprint 6-pin SC-70
package.
PRELIMINARY
SP7611A/7612/7614
SP7614
6 Pin SC70
1
CTRL
3
N/C
4
GND
2
LED1
6
ON/OFF
5
LED2
Now Available in Lead Free Packaging
VIN
LED1
LED2
GND
CTRL
ON/OFF
ENABLE
VCONTROL
RSET
®
®
SP7614
I SET
P/N
Channel
IBIAS
IBIAS/LED
SP7611A
4
160
40
SP7612
3
120
40
SP7614
2
160
80


Similar Part No. - SP7612

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
Sipex Corporation
SP7612A SIPEX-SP7612A Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
SP7612AEC6 SIPEX-SP7612AEC6 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
SP7612AEC6-L SIPEX-SP7612AEC6-L Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
SP7612AEC6-L/TR SIPEX-SP7612AEC6-L/TR Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
More results

Similar Description - SP7612

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
Low Dropout LED Driver for any Color LED
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
Low-Dropout LED Drivers for White, Blue or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
LED Driver for White, Blue or any Color LED
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
Low-Dropout LED Drivers for White, Blue, or any Color LED
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
Shanghai Consonance Ele...
CN5611 CONSONANCE-CN5611 Datasheet
108Kb / 8P
Low-Dropout High-Power LED Driver
CN5612 CONSONANCE-CN5612 Datasheet
133Kb / 8P
Low-Dropout High-Power LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com