Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7650 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7650
Description  Wide Input Voltage Range 3A, 300kHz, Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7650 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7650 Datasheet HTML 1Page - Sipex Corporation SP7650 Datasheet HTML 2Page - Sipex Corporation SP7650 Datasheet HTML 3Page - Sipex Corporation SP7650 Datasheet HTML 4Page - Sipex Corporation SP7650 Datasheet HTML 5Page - Sipex Corporation SP7650 Datasheet HTML 6Page - Sipex Corporation SP7650 Datasheet HTML 7Page - Sipex Corporation SP7650 Datasheet HTML 8Page - Sipex Corporation SP7650 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Date: 08/24/04
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2004 Sipex Corporation
SP7650
FEATURES
■ 2.5V to 28V Step Down Achieved Using Dual Input
■ Output Voltage down to 0.8V
■ 3A Output Capability
■ Built in Low RDSON Power Switches (40 mΩ typ)
■ Highly Integrated Design, Minimal Components
■ 300 kHz Fixed Frequency Operation
■ UVLO Detects Both VCC and VIN
■ Over Temperature Protection
■ Short Circuit Protection with Auto-Restart
■ Wide BW Amp Allows Type II or III Compensation
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 95% Possible
■ Asynchronous Start-Up into a Pre-Charged Output
■ Small 7mm x 4mm DFN Package
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
The SP7650 is a synchronous step-down switching regulator optimized for high efficiency. The part is designed to be
especially attractive for dual supply, 12V or 24V distributed power systems step down with 5V used to power the
controller. This lower VCC voltage minimizes power dissipation in the part and is used to drive the top switch. The SP7650
is designed to provide a fully integrated buck regulator solution using a fixed 300kHz frequency, PWM voltage mode
architecture. Protection features include UVLO, thermal shutdown and output short circuit protection. The SP7650 is
available in the space saving DFN package
.
®
Advanced
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
TOP VIEW
Heatsink Pad 1
Connect to Lx
Heatsink pad 2
Connect to GND
Heatsink pad 3
Connect to V
IN
PGND
PGND
GND
VFB
COMP
UVIN
GND
SS
VIN
LX
LX
LX
LX
VCC
GND
GND
GND
BST
NC
LX
LX
LX
DFN PACKAGE
7mm x 4mm
SP7650
PGND
VIN
VIN
VIN
CBST
6800pF
L1
2.2uH, Irate=4.78A
C1
22uF
CVCC
2.2uF
U1
SP7650
PGND
1
PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
10
VIN
11
VIN
12
VIN
13
LX
14
LX
15
LX
16
NC
17
BST
18
GND
19
GND
20
GND
21
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
47nF
CP1
22pF
3.3V
0-3A
RSET
21.5k,1%
GND
C3
47uF
Notes:
12V
VIN
1. U1 Bottom-Side Layout should
has three contacts isolated from
one another Vin SWNODE and GND
SD101AWS
VOUT
RZ3
7.15k,1%
CZ3
150pF
CZ2
1,000pF
R1
68.1k,1%
RZ2
15k,1%
CF1
100pF
fs=300Khz
+5V VCC
ENABLE
2. RSET=54.48/(Vout-0.8V)
(KOhm)
16V
6.3V
(note 2)


Similar Part No. - SP7650

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7650 SIPEX-SP7650 Datasheet
355Kb / 10P
Evaluation Board Manual
logo
Exar Corporation
SP7650 EXAR-SP7650 Datasheet
1Mb / 16P
Buck Regulator
logo
Sipex Corporation
SP7650EB SIPEX-SP7650EB Datasheet
355Kb / 10P
Evaluation Board Manual
SP7650ER SIPEX-SP7650ER Datasheet
355Kb / 10P
Evaluation Board Manual
logo
Exar Corporation
SP7650ER EXAR-SP7650ER Datasheet
1Mb / 16P
Buck Regulator
More results

Similar Description - SP7650

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7662 SIPEX-SP7662 Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
SP7661 SIPEX-SP7661 Datasheet
1,004Kb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7655 SIPEX-SP7655_07 Datasheet
1Mb / 16P
Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7662 SIPEX-SP7662_07 Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com