Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7650 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7650
Description  Wide Input Voltage Range 3A, 300kHz, Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7650 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7650 Datasheet HTML 1Page - Sipex Corporation SP7650 Datasheet HTML 2Page - Sipex Corporation SP7650 Datasheet HTML 3Page - Sipex Corporation SP7650 Datasheet HTML 4Page - Sipex Corporation SP7650 Datasheet HTML 5Page - Sipex Corporation SP7650 Datasheet HTML 6Page - Sipex Corporation SP7650 Datasheet HTML 7Page - Sipex Corporation SP7650 Datasheet HTML 8Page - Sipex Corporation SP7650 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date: 08/24/04
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2004 Sipex Corporation
General Overview
The SP7650 is a fixed frequency, voltage mode,
synchronous PWM regulator optimized for high
efficiency. The part has been designed to be
especially attractive for high voltage applica-
tions utilizing 5V to power the controller and
2.5V to 28V for step down conversion.
The heart of the SP7650 is a wide bandwidth
transconductance amplifier designed to accom-
modate Type II and Type III compensation
schemes. A precision 0.8V reference, present on
the positive terminal of the error amplifier per-
mits the programming of the output voltage
down to 0.8V via the VFB pin. The output of the
error amplifier, COMP, compared to a 1.1V
peak-to-peak ramp is responsible for trailing
edge PWM control. This voltage ramp, and
PWM control logic are governed by the internal
oscillator that accurately sets the PWM fre-
quency to 300kHz.
THEORY OF OPERATION
The SP7650 contains two unique control fea-
tures that are very powerful in distributed appli-
cations. First, asynchronous driver control is
enabled during start up, to prohibit the low side
switch from pulling down the output until the
high side switch has attempted to turn on. Sec-
ond, a 100% duty cycle timeout ensures that the
low side switch is periodically enhanced during
extended periods at 100% duty cycle. This guar-
antees the synchronized refreshing of the BST
capacitor during very large duty ratios.
The SP7650 also contains a number of valuable
protection features. Programmable VIN UVLO
allows the user to set the exact value at which the
conversion voltage can safely begin down con-
version, and an internal VCC UVLO which en-
sures that the controller itself has enough volt-
age to properly operate. Other protection fea-
PIN DESCRIPTION
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
3
-
1P
D
N
G
r
e
i
f
i
t
c
e
r
s
u
o
n
o
r
h
c
n
y
s
e
h
t
r
o
f
n
o
i
t
c
e
n
n
o
c
d
n
u
o
r
G
1
2
-
9
1
,
8
,
4D
N
G
e
r
a
r
e
v
i
r
d
r
e
w
o
p
r
e
w
o
l
d
n
a
C
I
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
o
r
t
n
o
c
e
h
T
.
n
i
P
d
n
u
o
r
G
)
-
(
e
h
t
o
t
s
e
c
a
r
t
d
n
u
o
r
g
r
e
h
t
o
m
o
r
f
y
l
e
t
a
r
a
p
e
s
n
r
u
t
e
R
.
n
i
p
s
i
h
t
o
t
d
e
c
n
e
r
e
f
e
r
.
t
u
o
C
f
o
l
a
n
i
m
r
e
t
5V
B
F
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
s
i
t
I
.
n
i
p
n
o
i
t
c
e
t
e
D
t
i
u
c
r
i
C
t
r
o
h
S
d
n
a
e
g
a
t
l
o
V
k
c
a
b
d
e
e
F
r
o
f
t
n
i
o
p
k
c
a
b
d
e
e
f
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
s
a
s
e
v
r
e
s
d
n
a
r
e
i
f
il
p
m
A
r
o
r
r
E
e
h
t
f
o
d
e
t
s
u
j
d
a
e
b
n
a
c
d
n
a
d
e
s
n
e
s
s
i
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
T
.
r
e
t
r
e
v
n
o
C
k
c
u
B
e
h
t
V
r
e
v
e
n
e
h
W
.
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
h
g
u
o
r
h
t
B
F
e
h
t
w
o
l
e
b
V
5
2
.
0
s
p
o
r
d
p
u
c
c
i
h
s
r
e
t
n
e
C
I
e
h
t
d
n
a
d
e
t
c
e
t
e
d
s
i
t
l
u
a
f
t
i
u
c
r
i
c
t
r
o
h
s
a
,
e
c
n
e
r
e
f
e
r
e
v
i
t
i
s
o
p
.
e
d
o
m
6P
M
O
C
t
u
p
n
i
g
n
i
t
r
e
v
n
i
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
s
i
t
I
.
r
e
i
f
il
p
m
A
r
o
r
r
E
e
h
t
f
o
t
u
p
t
u
O
d
n
a
n
e
s
o
h
c
s
i
n
o
i
t
a
n
i
b
m
o
c
r
e
t
li
f
l
a
m
i
t
p
o
n
A
.
r
o
t
a
r
a
p
m
o
c
M
W
P
e
h
t
f
o
V
r
o
d
n
u
o
r
g
r
e
h
t
i
e
d
n
a
n
i
p
s
i
h
t
o
t
d
e
t
c
e
n
n
o
c
B
F
e
g
a
t
l
o
v
e
h
t
e
z
il
i
b
a
t
s
o
t
.
p
o
o
l
e
d
o
m
7N
I
V
U
V
n
e
e
w
t
e
b
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
e
g
a
t
l
o
v
n
i
V
r
o
f
t
u
p
n
i
O
L
V
U
N
I
d
n
a
V
U
N
I
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
o
m
u
m
i
n
i
m
t
e
s
o
t
9S
S
e
h
t
t
e
s
o
t
D
N
G
d
n
a
S
S
n
e
e
w
t
e
b
r
o
t
i
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
.
t
r
a
t
S
t
f
o
S
w
o
l
d
l
e
h
s
i
n
i
p
S
S
e
h
T
.
t
n
e
r
r
u
c
e
c
r
u
o
s
A
µ
0
1
e
h
t
n
o
d
e
s
a
b
e
t
a
r
t
r
a
t
s
t
f
o
s
.
s
n
o
i
t
i
d
n
o
c
t
l
u
a
f
ll
a
g
n
i
r
u
d
t
n
e
r
r
u
c
)
n
i
m
(
A
m
1
a
a
i
v
3
1
-
0
1V
N
I
g
n
il
p
u
o
c
e
d
a
e
c
a
l
P
.
T
E
F
S
O
M
l
e
n
n
a
h
c
-
N
e
d
i
s
h
g
i
h
e
h
t
o
t
n
o
i
t
c
e
n
n
o
c
t
u
p
n
I
.
D
N
G
P
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
i
c
a
p
a
c
6
2
-
3
2
,
6
1
-
4
1X
LV
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
t
c
u
d
n
i
n
a
t
c
e
n
n
o
C
T
U
O
2
2V
C
C
y
l
p
p
u
s
s
a
i
b
V
5
l
a
n
r
e
t
x
e
r
o
f
t
u
p
n
I
7
1C
Nt
c
e
n
n
o
C
o
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com