Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7650 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7650
Description  Wide Input Voltage Range 3A, 300kHz, Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7650 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7650 Datasheet HTML 4Page - Sipex Corporation SP7650 Datasheet HTML 5Page - Sipex Corporation SP7650 Datasheet HTML 6Page - Sipex Corporation SP7650 Datasheet HTML 7Page - Sipex Corporation SP7650 Datasheet HTML 8Page - Sipex Corporation SP7650 Datasheet HTML 9Page - Sipex Corporation SP7650 Datasheet HTML 10Page - Sipex Corporation SP7650 Datasheet HTML 11Page - Sipex Corporation SP7650 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Date: 08/24/04
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 26 PIN DFN
26 Pin DFN
DIMENSIONS in
(mm)
26 Pin DFN
A
A1
A3
b
D
E2
E
e
D2
L
0.800 0.850 0.900
2.00
2.730 2.780 2.830
0.350
0.450
0.17
0.22
0.27
SYMBOL
MIN NOM MAX
0.050
3.95
4.05
6.95
7.05
7.00
2.05
2.10
0.178 0.203 0.228
0.400
1.78 1.83
1.88
D3
4.00
0.45
0.50
0.55
0.000
Side View
Top View
b
A3
A
A1
D
E
(7 x 4 mm)
e
L
E2
Bottom View
D2
D3
D2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com