Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8042PB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8042PB
Description  7 Channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8042PB Datasheet(HTML) 2 Page - Sipex Corporation

  SP8042PB Datasheet HTML 1Page - Sipex Corporation SP8042PB Datasheet HTML 2Page - Sipex Corporation SP8042PB Datasheet HTML 3Page - Sipex Corporation SP8042PB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Rev. 9/25/03
SP8042 7 Channel, PDIC
© Copyright 2003 Sipex Corporation
PIN DESCRIPTION
PIN No.
NAME
DESCRIPTION
1Bb
Output of Bb channel (B or b sensor output depending upon SW
position).
2Aa
Output of Aa channel (A or a sensor output depending upon SW
position).
3SW
Mode switch input. High logic level selects CD mode, low - DVD mode.
4RF
Output of RF channel. RF = A + B + C + D or RF = a + b + v + d
depending upon SW position.
5NC
No Connection.
6Dd
Output of Dd channel (D or d sensor output depending upon SW
position.
7Cc
Output of Cc channel (C or c sensor output depending upon SW
position)
8NC
No Connection.
9
GND
Ground Pin.
10
F
Output of F Channel.
11
NC
No Connection.
12
VS
Reference Voltage. Bypass to GND with ceramic capacitor 0.1
µF.
13
VCC
Supply Voltage. Bypass to GND with ceramic capacitor 0.1
µF.
14
E
Output of E Channel.
15
NC
No Connection.
16
GND
Ground Pin.
BOARD LAYOUT AND GROUNDING
To obtain the best performance from the SP8042, a printed circuit board with ground plane is required.
Both ground pins (pins #9 and #16) should be connected to the ground plane. High quality, low series
resistance ceramic 0.1
µF bypass capacitors should be used at the V
CC and VS pins (pins 12 and 13).
These capacitors must be located as close to the pins as possible.
The traces connection the pins to the ground plane, VCC, VS, and bypassing capacitors must be kept
short and should be made as wide as possible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com