Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8042PB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8042PB
Description  7 Channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8042PB Datasheet(HTML) 3 Page - Sipex Corporation

  SP8042PB Datasheet HTML 1Page - Sipex Corporation SP8042PB Datasheet HTML 2Page - Sipex Corporation SP8042PB Datasheet HTML 3Page - Sipex Corporation SP8042PB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Rev. 9/25/03
SP8042 7 Channel, PDIC
© Copyright 2003 Sipex Corporation
PACKAGE: 16 PIN COB
L
16 Pin COB
SYMBOLS
MIN
NOM MAX
0.85
0.95
1.05
0.20
0.25
0.30
-
0.40
-
3.90
4.00
4.10
3.70
3.80
3.90
-
0.50
-
-
5.00
-
0.60
0.70
0.80
0.17
0.25
0.33
0.02
0.10
0.18
A
b
C
D
E
e
H
L
F
S
SIDE VIEW
S
F
0.1941+/-0.0508(PD Center to PKG Center)
PD
PD Center
16
9
Center or Land
Die Center at 0.05285mm, - 0.06165mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com