Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8042PB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8042PB
Description  7 Channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8042PB Datasheet(HTML) 1 Page - Sipex Corporation

  SP8042PB Datasheet HTML 1Page - Sipex Corporation SP8042PB Datasheet HTML 2Page - Sipex Corporation SP8042PB Datasheet HTML 3Page - Sipex Corporation SP8042PB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rev. 9/25/03
SP8042 7 Channel, PDIC
© Copyright 2003 Sipex Corporation
7 Channel Photo Detector IC
SP8042
■ Dual Wave length 650 and 780nm
■ 55MHz Data Channel Bandwith
■ Built-in Media Switch
■ Available in Wafer Form or 5.0 x 4.0mm
16 Pin COB Package
®
FEATURES
APPLICATIONS
■ DVD Player
The SP8042 is a seven channel photo detector IC (PDIC) designed for DVD-ROM and CD-ROM
applications and can operate at wavelength of 650 and 780 nm. The device contains four photo
diode (sensor) arrays, two of them with four identical sensors (A – D, and a - d respectively) and
two with a single sensors (E, F). The seven channels consist of four high speed channels (Aa,
Bb, Cc, and Dd), two slow channels (E, F), and one RF channel. The high speed channel output
provides a signal from one of the two different sensor arrays (A – D or a – d) depending the position
of the media switch (SW). A high logic level at the SW pin selects CD mode (A – D sensors) while
a low level selects DVD mode (a – d sensors). The E and F channels output is used for a servo
control. The RF channels output is sum of A + B + C + D or a + b + c + d channels (depending
upon SW level) with identical weights given to all channels.
Low noise operation enables data recovery at very low signal levels.
The SP8042 is manufactured with an advanced 10GHz BICMOS technology.
DESCRIPTION
1
2
16
15
14
13
12
11
3
4
5
6
7
8
10
9
Aa
SW
RF
NC
Bb
VCC
NC
E
NC
VS
NC
GND
GND
SP8042
16 Pin COB
Dd
Cc
F
Preliminary


Similar Part No. - SP8042PB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8042 SIPEX-SP8042 Datasheet
51Kb / 5P
12 Channel, PDIC
More results

Similar Description - SP8042PB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
10 Channel Photo Detector IC
SP8052 SIPEX-SP8052 Datasheet
112Kb / 4P
High Speed 12-channel Photo Detector IC
SP8056 SIPEX-SP8056 Datasheet
137Kb / 4P
High Speed 10-channel Photo Detector IC
SP8057 SIPEX-SP8057 Datasheet
95Kb / 4P
High Speed 11-channel Photo Detector IC
SP8062 SIPEX-SP8062 Datasheet
110Kb / 4P
High Speed 10-channel Photo Detector IC
SP8059 SIPEX-SP8059 Datasheet
77Kb / 4P
10 Channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
10 - Channel Photo Detector IC
SP8058 SIPEX-SP8058 Datasheet
102Kb / 4P
High Speed 10-channel Photo Detector IC
SP8064 SIPEX-SP8064 Datasheet
130Kb / 4P
High Speed 10-channel Photo Detector IC
SP8067 SIPEX-SP8067 Datasheet
96Kb / 3P
High Speed 11-channel Photo Detector IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com