Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1521 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1521
Description  300mA Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1521 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1521 Datasheet HTML 1Page - Sipex Corporation SPX1521 Datasheet HTML 2Page - Sipex Corporation SPX1521 Datasheet HTML 3Page - Sipex Corporation SPX1521 Datasheet HTML 4Page - Sipex Corporation SPX1521 Datasheet HTML 5Page - Sipex Corporation SPX1521 Datasheet HTML 6Page - Sipex Corporation SPX1521 Datasheet HTML 7Page - Sipex Corporation SPX1521 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Date: 5/25/04
SPX1521 300mA Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
External Capacitors
The stability of the SPX1521 requires a 2.2
µF or
greater capacitor between output and ground.
Oscillation could occur without this capacitor.
Most types of tantalum or aluminum electrolytic
works fine here. For operations of below -25
°C
solid tantalum is recommended since the many
aluminum types have electrolytes that freeze at
about -30
°C. The ESR of about 5Ω or less and
resonant frequency above 500kHz are the most
important parameters in the value of the capaci-
tor. The capacitor value can be increased with-
out limit.
The SPX1521, unlike other low dropout regula-
tors will remain stable and in regulation with no
load in addition to the internal voltage divider.
This feature is especially important in applica-
tions like CMOS RAM keep-alive.
If there is more than 10 inches of wire between
the input and the AC filter capacitor, or if a
battery is used as the input, then a 0.1
µF tantalum
or aluminum electrolytic capacitor should be
placed from the input to the ground.
Reducing Output Noise
It may be an advantage to reduce the AC noise
present at the output. One way is to reduce the
regulator bandwidth by increasing the size of
the output capacitor. Increasing the capacitor
from 1
µF to 220µF only decreases the noise
from 430
µV to 160µVrms for a 100kHz band-
width at 5V output.
APPLICATION INFORMATION
Top View
SPX1521
13
2
SOT-223 (M3)
Top View
TO-263-3 (T)
1
SPX1521
2
3
Front View
TO-220-3 (U)
SPX1521
12
3
Front View
TO-252 (R)
3
2
1
V
IN
GND V
OUT
V
OUT GND
V
IN
V
OUT GND
V
IN
V
OUT
GND
V
IN
PINOUTS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com