Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1521 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX1521
Description  300mA Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1521 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX1521 Datasheet HTML 1Page - Sipex Corporation SPX1521 Datasheet HTML 2Page - Sipex Corporation SPX1521 Datasheet HTML 3Page - Sipex Corporation SPX1521 Datasheet HTML 4Page - Sipex Corporation SPX1521 Datasheet HTML 5Page - Sipex Corporation SPX1521 Datasheet HTML 6Page - Sipex Corporation SPX1521 Datasheet HTML 7Page - Sipex Corporation SPX1521 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Date: 5/25/04
SPX1521 300mA Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
H1
B
SEATING
PLANE
A1
A
CHAMFER
OPTIONAL
C
A2
A
A
E
øP
Q
D
D1
E2
E/2
L
L1
C
C
D
D
b
c
WITH PLATING
BASE METAL
b
CONTACT AREA
1
e
e1
.140
-
.190
.020
-
.055
Dimensions in
(mm)
3 PIN TO-220
JEDEC TO-220
(AB) Variation
.080
-
.115
.015
.027
.040
.045
-
.070
.480
-
.507
A
A1
A2
b
b2
D1
D2
.380
-
.420
E
MIN
NOM MAX
c
.014
-
.024
D
.560
-
.650
.330
-
.355
E1
.270
-
.350
E2
-
-
.030
e
.100 BSC
e1
.200 BSC
H1
.230
-
.270
L1
-
-
.250
L2
-
-
-
∆P
.139
-
.161
Q
.100
-
.135
3 PIN TO-220
PACKAGE: 3 PIN TO-220



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com