Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1521 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1521
Description  300mA Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1521 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX1521 Datasheet HTML 1Page - Sipex Corporation SPX1521 Datasheet HTML 2Page - Sipex Corporation SPX1521 Datasheet HTML 3Page - Sipex Corporation SPX1521 Datasheet HTML 4Page - Sipex Corporation SPX1521 Datasheet HTML 5Page - Sipex Corporation SPX1521 Datasheet HTML 6Page - Sipex Corporation SPX1521 Datasheet HTML 7Page - Sipex Corporation SPX1521 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Date: 5/25/04
SPX1521 300mA Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
E1
E1/2
D1
Dimensions in inches
3 PIN TO-252
JEDEC TO-252
(AA) Variation
.018
-
.024
c
MIN
NOM MAX
A1
-
-
.005
D1
.205
-
-
E1
H
L
L1
L2
.370
-
.410
.170
-
-
.055
.060
.070
.108 REF
.020 BSC
c
WITH PLATING
BASE METAL
b
CONTACT AREA
SEATING PLANE
C
A1
(L1)
L
c
c
GAUGE PLANE
O
L2
3 PIN TO-252
PACKAGE: 3 PIN TO-252



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com