Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6522 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS6522
Description  PIR SENSOR INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6522 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS6522 Datasheet HTML 1Page - LSI Computer Systems LS6522 Datasheet HTML 2Page - LSI Computer Systems LS6522 Datasheet HTML 3Page - LSI Computer Systems LS6522 Datasheet HTML 4Page - LSI Computer Systems LS6522 Datasheet HTML 5Page - LSI Computer Systems LS6522 Datasheet HTML 6Page - LSI Computer Systems LS6522 Datasheet HTML 7Page - LSI Computer Systems LS6522 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
OUTPUT DRIVE CURRENT:
Triac (AC MODE)
IO
-40
-
-
mA
With 3V Triac Gate Drive
Relay (DC MODE)
IO
-10
-
-
mA
With 1V Max. across the
LS6501LP.
TRIAC OUTPUT TIMING:
Pulse Width
TTPW
15
30
45
μs
VDD = 8V, f = 60Hz and
Delay from zero crossover
TOD
1.00
1.2
1.32
ms
2.7V P-P AC input
Delay difference between
TODD
-
-
150
μs
f = 60Hz
zero crossovers
AC INPUT IMPEDANCE
ZAC
270
-
-k
Ω
-
LED OUTPUT:
Sink Current
ILS
--
8
mA
VDD = 8V, Vo =
1.5V Max.
Pulse Width
TLPW
0.75
1
1.25
sec
f = 60Hz.
DUAL PULSE MODE:
Time between pulse-pairs
TR
-
-
5.125
sec
-
for motion recognition
65
22-110712-4
+
-
AMP
+
-
AMP
+
-
COMP
+
-
COMP
3
2
1
13
15
16
DIFF AMP 2
OUTPUT
DIFF AMP 2
INPUT (-)
DIFF AMP 1
OUTPUT
DIFF AMP 1
INPUT (-)
DIFF AMP 1
INPUT (+)
11
10
12
A/D
CONVERTER
OUTPUT
DURATION
TIMER
DIGITAL
FILTER
CONTROL
LOGIC
DEAD
TIME
TIMER
1 SECOND
PULSE GEN
VREG
5 VOLT
REGULATOR
VREG
OUTPUT
BUFFER
ZERO CROSS-OVER
DETECT
OSCILLATOR
14
8
6
9
7
5
4
TIMER
CONTROL
INPUT
INHIBIT INPUT
PULSE MODE
SELECT INPUT
DEAD TIME
SELECT INPUT
5V REGULATOR
OUTPUT
VDD
VSS
LED OUTPUT
TRIAC/RELAY OUTPUT
AC INPUT
OSCILLATOR INPUT
FIGURE 2. LS65
22 BLOCK DIAGRAM
VREG
VREG
VREG
VREG
INHIBIT
COMPARATOR
PULSE
SELECT
LOGIC
WINDOW
COMPARATOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com