Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6522 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS6522
Description  PIR SENSOR INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6522 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS6522 Datasheet HTML 1Page - LSI Computer Systems LS6522 Datasheet HTML 2Page - LSI Computer Systems LS6522 Datasheet HTML 3Page - LSI Computer Systems LS6522 Datasheet HTML 4Page - LSI Computer Systems LS6522 Datasheet HTML 5Page - LSI Computer Systems LS6522 Datasheet HTML 6Page - LSI Computer Systems LS6522 Datasheet HTML 7Page - LSI Computer Systems LS6522 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6522-021214-5
R1 = 36k
:
R2 = 36k
:
R3 = 2.7M
:
R4 = 36k
:
R5 = 2.7M
:
R6 = 36k
:
R7 = 270
:, 1/2W
* R7 = 1k, 1W
R8 = 1k
:
R9 = 620k
:
R10 = 6.2k
:
*R10 = 3.9k:
R12 = 1
M:
R13 = 1.0M
:
R14 = 910k
:
R15 = 3.6k
:
C1 = 100
PF
C2 = 33
PF
C3 = 0.01
PF
C4 = 33
PF
C5 = 0.01
PF
C6 = 0.1
PF
C7 = 0.47
PF, 250V
*C7 = 0.33PF, 400V
C8 = 1000pF
C9 = 0.1
PF, 250V
*C9 = 0.1PF, 400V
C10 = 0.02
PF, 25V
*C10 = 0.03PF, 25V
D1 = 1N4004
LDR = SILONEX HSL-19M52 (Typical)
Z1 = 9.1V, 1/2W
T1 = Q4008L4(Typical)
T1 = Q5004L4(Typical)
All Rs 1/4W, all Capacitors 10V
unless otherwise specified.
PIRs = Perkin-Elmer LHi 958 or 878, Nicera RE200B, SDA02-54 (Typical)
*= Component Change for 220VAC
NOTES: 1. The R9, R10, C9 network provides a 2.7V Peak-to-Peak AC signal input to Pin 5.
2. The C8, D1, Z1, C7, R7 components generate the DC Supply Voltage for the LS6522.
3. The R2, C2, R3, C3, R4, C4, R5, C5, R6, C6 components and the two on-chip Differential amplifiers
set a nominal gain of 5,500 with bandpass filtering of 0.13Hz to 6Hz.
4. The value of R6 may have to be adjusted if the particular PIR Sensor selected causes the input static voltage
at Pin 15 to be out of the input dynamic range. This is specified under Electrical Characteristics as 0V to 2.5V.
5. Sensitivity can be adjusted to a lower value by increasing the value of R2 or R4
or by decreasing the value of R3 or R5.
FIGURE 3. TYPICAL TRIAC WALL SWITCH APPLICATION
VDD
S1=SPDT (On – Off– On)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com