Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6522 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS6522
Description  PIR SENSOR INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6522 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS6522 Datasheet HTML 1Page - LSI Computer Systems LS6522 Datasheet HTML 2Page - LSI Computer Systems LS6522 Datasheet HTML 3Page - LSI Computer Systems LS6522 Datasheet HTML 4Page - LSI Computer Systems LS6522 Datasheet HTML 5Page - LSI Computer Systems LS6522 Datasheet HTML 6Page - LSI Computer Systems LS6522 Datasheet HTML 7Page - LSI Computer Systems LS6522 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES:
• Low Quiescent Current
• Direct Interface with PIR Sensor
• Two-Stage Differential Amplifier
• Amplifier Gain and Bandwidth externally controlled
• Window Comparator and Digital Filter limit Noise
• Triac or Relay Output Drive
• Programmable Output Duration Timer
• Ambient Light Level Inhibit input
• Selectable Dead Time
• Single or Dual Pulse Detection
• Timing derived from RC Oscillator or 50Hz/60Hz AC
• Regulated 5V Output for PIR Sensor
• Motion Detection LED Indicator
• LS65
22 (DIP); LS6522-S (SOIC-NB);
LS65
22-SW (SOIC-WB) - See Figure 1
APPLICATIONS:
Indoor occupancy sensors and outdoor motion-triggered
lighting for energy savings, security and convenience.
.
DESCRIPTION: (See Figure 2)
The LS65
22 is a CMOS integrated circuit, designed for
detecting motion from a PIR Sensor and initiating appropri-
ate responses. The detailed description of the functional
blocks is as follows:
DIFFERENTIAL AMPLIFIER
Each stage of the two stage Differential Amplifier can be set
to have its own amplification and bandwidth. The two inputs
to the first stage allow for single ended or differential con-
nection to PIR Sensors. This stage can be biased anywhere
in its dynamic range. The second stage is internally biased
so that the Window Comparator’s lower and higher thresh-
olds can be fixed relative to this bias.
WINDOW COMPARATOR
The Window Comparator provides noise filtering by enabling
only those signals equal to or greater than a fixed threshold
at the output of the Differential Amplifier to appear at the
output of the Window Comparator.
COMPARATOR DIGITAL FILTER
The output of the Window Comparator is filtered so that
motion must be present for a certain duration before it can
be recognized and appear as pulses at the Digital Filter
output.
OUTPUT DURATION TIMER
The voltage level at the TIMER CONTROL input can
select 16 different timeouts for this Timer (See Table 1).
The selection can be made by varying the setting of a
potentiometer. The Timer is retriggerable and controls
the ON duration of the TRIAC/RELAY output. The trigger
for the Timer is generated from pulses appearing at the
Digital Filter output.
SINGLE PULSE/DUAL PULSE MODES
A Single Pulse or Dual Pulse (two pulses occurring within
a specified time period) at the Digital Filter output can be
selected as the trigger for the Output Duration Timer.
This selection is made by the logic level at the PULSE
MODE SELECT input. Logic 0 = Single Pulse Mode,
logic 1 = Dual Pulse Mode.
LED OUTPUT
This is an open drain output which is turned on by pulses
generated by a retriggerable one-shot. The one-shot is
triggered by the leading edge of pulses appearing at the
Digital Filter output. When turned on, this output can sink
current from a series Resistor-LED network returned to a
positive voltage (V DD to 12.5V maximum). This results in
the LED lighting whenever motion is detected.
PIR SENSOR INTERFACE
February 201
4
65
22-021214-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS65
22
UL
®
A3800
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DIFF. AMP. 2 INPUT (- )
DIFF. AMP. 2 OUTPUT
AC INPUT
OSCILLATOR INPUT
TRIAC/RELAY OUTPUT
V DD
DIFF. AMP 1 INPUT (- )
DIFF. AMP 1 INPUT (+)
5V REGULATOR OUTPUT
TIMER CONTROL INPUT
DEAD TIME SELECT INPUT
INHIBIT INPUT
PULSE MODE
SELECT INPUT
LED OUTPUT
PIN ASSIGNMENT - TOP VIEW
FIGURE 1
DIFF. AMP. 1 OUTPUT
V SS


Similar Part No. - LS6522

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6525 LSI-LS6525 Datasheet
191Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
LS6525 LSI-LS6525_15 Datasheet
219Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
LS6526 LSI-LS6526 Datasheet
191Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
More results

Similar Description - LS6522

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
logo
LSI Computer Systems
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
Direct Interface with PIR Sensor
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6525 LSI-LS6525 Datasheet
191Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
LS6501LP LSI-LS6501LP_08 Datasheet
420Kb / 8P
PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
LS6525 LSI-LS6525_15 Datasheet
219Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com