Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7210 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7210
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7210 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7210_06 Datasheet HTML 1Page - LSI Computer Systems LS7210_06 Datasheet HTML 2Page - LSI Computer Systems LS7210_06 Datasheet HTML 3Page - LSI Computer Systems LS7210_06 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7210-061606-2
DELAYED RELEASE MODE
This mode causes a retriggerable delay in turning off the output
whenever there is a positive transition at the trigger input. The out-
put is turned on without delay in response to a negative transition at
the trigger input.
ONE-SHOT MODE
In this mode, the chip functions like a retriggerable monostable
multi-vibrator. The output is turned on whenever there is a negative
transition at the trigger input. At the end of the programmed delay,
the output is turned off automatically. If there is a negative transition
at the trigger input before the delay is over, the delay is restarted.
A positive transition at the trigger input has no effect on the output
in this mode. NOTE: In One-Shot mode, the TRIGGER input must
be held at logic 1 during a power-up.
ABSOLUTE MAXIMUM RATINGS: (All voltages referenced to VDD)
SYMBOL
VALUE
UNIT
DC Supply Voltage
VSS
+18
V
Voltage (Any Pin)
VIN
0 to VSS + 0.3
V
Operating Temperature
TA
-25 to +70
°C
Storage Temperature
TSTG
-65 to +150
°C
DC ELECTRICAL CHARACERISTICS:
(-25°C
≤ TA ≤ +70°C unless otherwise specified. All voltages referenced to VDD)
PARAMETER
SYMBOL
MIN
MAX
UNIT
CONDITION
Suppy Voltage
VSS
+4.75
+15.0
V
Supply Current
ISS
-
3.0
mA
VSS = +15V, output off
Trigger Input
Logic 1
VTH
VSS - 1
VSS
V
-
Logic 0
VTL
0
0.2VSS
V
-
All Other Inputs
Logic 1
VIH
0.8VSS
VSS
V
-
Logic 0
VIL
0
0.2VSS
V
-
Output
Source Current
Io
+1.0
-
mA
VSS = + 5V
for Vo = Vss - 1V
Io
+2.8
-
mA
VSS = +10V
Io
+4.2
-
mA
VSS = +15V
SWITCHING CHARACTERISTICS: (See Figure 4)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Oscillator Frequency
fOSC
-
50
kHz
External Clock Frequency
fext
DC
160
kHz
External Clock, Positive Pulse Width
tH
3
-
µs
External Clock, Negative Pulse Width
tL
3
-
µs
A, B and Trigger Input Set-Up Time
tS
-
300
ns
Time-base Clock to Output Delay
(turn-on delay in Delayed Release mode
and turn-off delay in Delayed Operate mode)
tnd
-
1
µs
Time-base Clock to Output Delay at the End of Time Out
tod
-
1.6
µs
Time-base Clock to Output Delay
tsd
-
600
ns
(turn-on delay in One- Shot Mode)
MODE DEFINITION TIMING DIAGRAM: (See Figure 3)
DUAL DELAY MODE
Thls is the Default Mode when the inputs A and B are left un-
programmed. The function of the Dual Delay mode is to provide a
time delay on both the turn-on and turn-off of the output. Once turned
on, the output will remain on as long as the trigger input is Logic 0.
Once turned off, the output will remain off as long as the trigger input
is a logic 1.
DELAYED OPERATE MODE
This mode causes a retriggerable delay in turning the output on in re-
sponse to a negative edge at the trigger input. The output is turned
off without delay in response to a positive transition at the trigger in-
put.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com