Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7210 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7210
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7210 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7210_06 Datasheet HTML 1Page - LSI Computer Systems LS7210_06 Datasheet HTML 2Page - LSI Computer Systems LS7210_06 Datasheet HTML 3Page - LSI Computer Systems LS7210_06 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7210-061606-4
13
7
OUTPUT
LATCH
TIMER
CONTROL LOGIC
POR
GENERATOR
PRESCALER
÷ 1023
(SEE NOTE)
CLOCK
SELECT
LOGIC
LATCH
LATCH
LATCH
4
6
5
1
3
TRIGGER
B
A
OSC
CLOCK
SELECT
EXT
CLOCK
+V
8
9
10
11
12
+V
FIGURE 5. LS7210 BLOCK DIAGRAM
14
OUT
+V
+V
+V
+V
+V
-V
V SS
V DD
WB4
WB3
WB2
WB1
WB0
+V
2
NOTE:
÷ 1023 is standard. Any number from 1 to 1022 can be mask programmed.
B
A
TRIG
CS
OSC
EXT
CLK
V DD
V SS
OUT
WB0
WB1
WB2
WB3
WB4
FIGURE 6. ASYMMETRICAL FLASHER
NOTE:
Inputs A, B in Dual-Delay mode. For symmetical flasher tie Pins 8, 9, 10, 11 and 12 to fixed logic level.
8.068 s
323ms
68k
47k
+V
+V
f = 3.17kHz
.005µF
7
6
5
4
2
1
14
13
12
11
10
9
8
3
OUT
OUT
f



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com